Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPF0900AMBA0ES Datasheet(PDF) 39 Page - NXP Semiconductors

Part # MPF0900AMBA0ES
Description  Nine-channel power management IC with advanced system safety monitoring
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPF0900AMBA0ES Datasheet(HTML) 39 Page - NXP Semiconductors

Back Button MPF0900AMBA0ES Datasheet HTML 35Page - NXP Semiconductors MPF0900AMBA0ES Datasheet HTML 36Page - NXP Semiconductors MPF0900AMBA0ES Datasheet HTML 37Page - NXP Semiconductors MPF0900AMBA0ES Datasheet HTML 38Page - NXP Semiconductors MPF0900AMBA0ES Datasheet HTML 39Page - NXP Semiconductors MPF0900AMBA0ES Datasheet HTML 40Page - NXP Semiconductors MPF0900AMBA0ES Datasheet HTML 41Page - NXP Semiconductors MPF0900AMBA0ES Datasheet HTML 42Page - NXP Semiconductors MPF0900AMBA0ES Datasheet HTML 43Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 205 page
background image
NXP Semiconductors
PF09
Nine-channel power management IC with advanced system safety monitoring
When OTP_PWRON_MODE = 1, the device will start a power-down event when the PWRON pin sees a
transition from high to low and remains low for longer than TRESET And OTP_PWRON_RST_EN = 0
When VIN_OV_EN = 1 and VIN_OV_SDWN = 1, the device will start a power-down event when a VIN_OV
event is present.
The device will start a power-down event If the OTP_XFAILB_EN = 1 and the XFAILB pin is pulled low
externally.
When a PMIC OFF command is sent by writing SYS_CMD[7:0] = 0xA5, the device will start a 500 μs shutdown
timer.
When the shutdown timer is started, the device will trigger an SDWN_I interrupt and assert the INTB pin,
provided it is not masked. If the 500 μs timer is expired, the device will start a turn-off event. If the SDWN_I bit is
cleared before the 500 μs shutdown timer is expired, the shutdown request is stopped and the shutdown timer
is reset.
When the VAON is configured as an always-on regulator, the OTP_XFAILB_VAON bit is used to configure the
behavior of the VAON upon an external XFAILB event
OTP_XFAILB_VAON
VAON reaction on XFAILB
0
VAON not affected
1
VAON reset
Table 33. VAON reaction on XFAILB
When OTP_XFAILB_VAON = 0, the VAON will remain enabled while the device cycles through the LPOFF
State.
When OTP_XFAILB_VAON = 1, the VAON will be disabled at the end of the power down sequence, and
enabled again once the power-down delay is over and the device enters the LPOFF State.
12.4.1.2 Turn-off event due to a hard fault condition
The PF09 will start a power-down event when any of the following conditions are present:
• When an OV, UV or ILIM condition is present long enough for the fault timer to expire.
• When FAULT_CNT[3:0] = FAULT_MAX_CNT[3:0]
• When TJ is at least 10 °C below the TSD threshold
• When the reset counter reaches the maximum count (RESET_CNT = RESET_MAX)
• When the RSTB pin is shorted externally for longer than the OTP_RSTB_TSHORT[1:0] timer
12.4.2 Reset conditions
The PF09 will start a reset event when any of the following events are present:
• A watchdog failure
• A fault condition in the XRESET input (FCCU1 pin)
• A fault condition in the FCCU interface (if programmed to generate the reset)
• A fault condition in the ERRMON input (if programmed to generate the reset)
• A reset event can be initiated by the PWRON pin in Edge-sensitive mode and OTP_PWRON_RST_EN = 1
A software reset can be requested by writing SYS_CMD[7:0] = 0x3E
Reset events can be classified into two types:
1. Hard reset
2. Soft reset
PF09
All information provided in this document is subject to legal disclaimers.
© 2026 NXP B.V. All rights reserved.
Product data sheet
Rev. 1.3 — 16 December 2025
Document feedback
39 / 205



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com