Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPF0900AMBA0ES Datasheet(PDF) 100 Page - NXP Semiconductors

Part # MPF0900AMBA0ES
Description  Nine-channel power management IC with advanced system safety monitoring
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPF0900AMBA0ES Datasheet(HTML) 100 Page - NXP Semiconductors

Back Button MPF0900AMBA0ES Datasheet HTML 96Page - NXP Semiconductors MPF0900AMBA0ES Datasheet HTML 97Page - NXP Semiconductors MPF0900AMBA0ES Datasheet HTML 98Page - NXP Semiconductors MPF0900AMBA0ES Datasheet HTML 99Page - NXP Semiconductors MPF0900AMBA0ES Datasheet HTML 100Page - NXP Semiconductors MPF0900AMBA0ES Datasheet HTML 101Page - NXP Semiconductors MPF0900AMBA0ES Datasheet HTML 102Page - NXP Semiconductors MPF0900AMBA0ES Datasheet HTML 103Page - NXP Semiconductors MPF0900AMBA0ES Datasheet HTML 104Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 100 / 205 page
background image
NXP Semiconductors
PF09
Nine-channel power management IC with advanced system safety monitoring
All parameters are specified at TA = -40 °C to 125 °C, VSW1IN = VIN = UVDET to 5.5 V, VSW1FB = 3.3 V, ISW1 = 1 A, typical
external component values, fSW = 2.5 MHz, unless otherwise noted. Typical values are characterized at VSW1IN = 5.0 V,
VSW1FB = 3.3 V, ISW1 = 1000 mA, and Ta = 25 °C, unless otherwise noted.
Symbol
Description
Min
Typ
Max
Unit
ηSW1_PWM4
PWM efficiency at 40 % load
• VSW1IN = 5.0 V
• VSW1FB = 0.8 V
• fSW1 = 2.5 MHz
• TA = 25 °C
–
81.5
–
%
tDB_SW1
Dead-band time
–
3
5
ns
tLXSR1_SW1
Switching node slew time
–
2.5
–
ns
VLOTR1_SW1
Transient load regulation (single phase)
• 0.5 V ≤ VSW1FB ≤ 1.35 V
• ISTEP = 200 mA to 1.0 A, di/dt = 2.0 A/μs
• fSW = 2.5 MHz , COUT = 44 μF, LOUT = 0.47 μH
• VIN = 5.0 V
-25
–
25
mV
VLOTR2_SW1
Transient load regulation (single phase)
• 1.5 V ≤ VSW1FB ≤ 3.3 V
• ISTEP = 200 mA to 1.0 A, di/dt = 2.0 A/μs
• fSW = 2.5 MHz, COUT = 44 μF, LOUT = 0.47 μH
• VIN = 5.0 V
-3
–
3
%
tPFM2PWM_SW1 PFM to PWM transition time
10
–
50
µs
IQPFM_SW1
SW1 regulator quiescent current
• PFM mode output not switching
• Max IQ at TA = 85 °C
–
15
20
µA
RDS25_SW1HS
High-side FET RDSON [2]
• TJ = 25 °C
• Including bond-wire and package resistance
–
46
–
mΩ
RDS125_SW1HS
High-side FET RDSON[2]
• TJ = 125 °C
• Including bond-wire and package resistance
–
60
–
mΩ
RDS25_SW1LS
Low-side FET RDSON [3]
• TJ = 25 °C
• Including bond-wire and package resistance
–
27
–
mΩ
RDS125_SW1LS
Low-side FET RDSON [3]
• TJ = 125 °C
• Including bond-wire and package resistance
–
35
–
mΩ
RDIS_SW1
Discharge resistance
• Regulator disabled and ramp completed
20
60
100
Ω
VSW1IN_LS
Operating input range in load switch mode
–
3.3
3.5
V
ILIM_LS_SW1 Load switch current limit
3.6
–
5.4
A
TON_LS_SW1 Load switch turn-on time
–
–
2000
µs
tOCP_LS_SW1
Load switch OCP deglitch time
500
–
–
µs
Table 124. SW1 electrical characteristics...continued
[1]
UVDET represents the minimum functional level for the PF09; VSW1IN must meet the minimum headroom to ensure proper output voltage regulation.
PF09
All information provided in this document is subject to legal disclaimers.
© 2026 NXP B.V. All rights reserved.
Product data sheet
Rev. 1.3 — 16 December 2025
Document feedback
100 / 205



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com