Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPF0900AMBA0ES Datasheet(PDF) 103 Page - NXP Semiconductors

Part # MPF0900AMBA0ES
Description  Nine-channel power management IC with advanced system safety monitoring
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPF0900AMBA0ES Datasheet(HTML) 103 Page - NXP Semiconductors

Back Button MPF0900AMBA0ES Datasheet HTML 99Page - NXP Semiconductors MPF0900AMBA0ES Datasheet HTML 100Page - NXP Semiconductors MPF0900AMBA0ES Datasheet HTML 101Page - NXP Semiconductors MPF0900AMBA0ES Datasheet HTML 102Page - NXP Semiconductors MPF0900AMBA0ES Datasheet HTML 103Page - NXP Semiconductors MPF0900AMBA0ES Datasheet HTML 104Page - NXP Semiconductors MPF0900AMBA0ES Datasheet HTML 105Page - NXP Semiconductors MPF0900AMBA0ES Datasheet HTML 106Page - NXP Semiconductors MPF0900AMBA0ES Datasheet HTML 107Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 205 page
background image
NXP Semiconductors
PF09
Nine-channel power management IC with advanced system safety monitoring
OTP_SWx_DVSMAX[3:0]
SWx high-voltage delta
0111
0.200 V
1000
0.225 V
1001
0.250 V
1010
0.275 V
1011
0.300 V
1100
0.325 V
1101
0.350 V
1110
0.375 V
1111
0.400 V
Table 129. SWx high-voltage delta...continued
If the MCU tries to write a voltage value in SWx higher than the OTP_SWx_DVSMAX[3:0] selection, the
controller will ignore the command and send a DVSMAX_I interrupt. The DVSMAX_I interrupt will assert the
INTB pin if the interrupt is not masked.
The OTP_SWx_DVSMIN[3:0] bits are provided to define the maximum low-voltage delta allowed during a DVS
transition. The maximum low-voltage delta is calculated with respect to the default voltage setting selected by
the OTP_VSWx_RUN[7:0] bits, to ensure the system is not able to request a voltage change outside of the
selected limits defined for a specific application.
OTP_SWx_DVSMIN[3:0]
SW1 low-voltage delta
0000
0.025 V
0001
0.050 V
0010
0.075 V
0011
0.100 V
0100
0.125 V
0101
0.150 V
0110
0.175 V
0111
0.200 V
1000
0.225 V
1001
0.250 V
1010
0.275 V
1011
0.300 V
1100
0.325 V
1101
0.350 V
1110
0.375 V
1111
0.400 V
Table 130. SW1 low-voltage delta
If the MCU tries to write a voltage value in SWx lower than the OTP_SWx_DVSMIN[3:0] selection, the controller
will ignore the command and send a DVSMIN_I interrupt. The DVSMIN_I interrupt will assert the INTB pin if the
interrupt is not masked.
PF09
All information provided in this document is subject to legal disclaimers.
© 2026 NXP B.V. All rights reserved.
Product data sheet
Rev. 1.3 — 16 December 2025
Document feedback
103 / 205



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com