Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPF0900AMBA0ES Datasheet(PDF) 107 Page - NXP Semiconductors

Part # MPF0900AMBA0ES
Description  Nine-channel power management IC with advanced system safety monitoring
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPF0900AMBA0ES Datasheet(HTML) 107 Page - NXP Semiconductors

Back Button MPF0900AMBA0ES Datasheet HTML 103Page - NXP Semiconductors MPF0900AMBA0ES Datasheet HTML 104Page - NXP Semiconductors MPF0900AMBA0ES Datasheet HTML 105Page - NXP Semiconductors MPF0900AMBA0ES Datasheet HTML 106Page - NXP Semiconductors MPF0900AMBA0ES Datasheet HTML 107Page - NXP Semiconductors MPF0900AMBA0ES Datasheet HTML 108Page - NXP Semiconductors MPF0900AMBA0ES Datasheet HTML 109Page - NXP Semiconductors MPF0900AMBA0ES Datasheet HTML 110Page - NXP Semiconductors MPF0900AMBA0ES Datasheet HTML 111Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 107 / 205 page
background image
NXP Semiconductors
PF09
Nine-channel power management IC with advanced system safety monitoring
All parameters are specified at TA = -40 °C to 125 °C, VSWxIN = VIN = UVDET to 5.5 V, VSWxFB = 1.0 V, ISWx = 0.5 A, typical
external component values, fSW = 2.5 MHz, unless otherwise noted. Typical values are characterized at VSWxIN = 5.0 V,
VSWxFB = 1.0 V, ISWx = 0.5 A, and TA = 25 °C, unless otherwise noted.
Symbol
Description
Min
Typ
Max
Unit
• SWx_ILIM[1:0] = 10 (primary phase)
ILIM3_SWDP
Current limit in dual phase
• SWx_ILIM[1:0] = 00 or 11 (primary phase)
7.12
9
10.8
A
ILIMN_SWx
Negative current limit
• Per phase
1
1.5
2.3
A
VSOS_SWx
Startup overshoot
• SWx_DVS[1:0] = 11 (15.6 mV/μs)
• VSWxIN = 5.0 V , VSWxFB = 1.0 V
-25
25
50
mV
tONMIN_SWx
Turn-on time
• From enable to 90 % of end value
• SWx_DVS[1:0] = 11 (15.6 mV/μs)
• VSWxIN = 5.0 V, VSWxFB = 0.5 V
32
–
–
µs
tONMAX_SWx
Maximum turn-on Time
• From enable to 90 % of end value
• SWx_DVS[1:0] = 00 (1.95 mV/μs)
• VSWxIN = 5.0 V, VSWxFB = 1.8 V
–
–
925
µs
ηSWx_PWM_1P8
PWM efficiency at full load
• Single phase
• VSWxIN = 5.0 V , VSWxFB = 1.8 V
• fSW = 2.5 MHz
• TA = 25 °C
–
86
–
%
ηSWx_PWM_1P8
PWM efficiency at 40 % load
• Single phase
• VSWxIN = 5.0 V, VSWxFB = 1.8 V
• fSW = 2.5 MHz
• TA = 25 °C
–
90.5
–
%
ηSWx_PWM_1P0
PWM efficiency at full load
• Single phase
• VSWxIN = 5.0 V, VSWxFB = 1.0 V
• fSW = 2.5 MHz
• TA = 25 °C
–
79
–
%
ηSWx_PWM_1P0
PWM efficiency at 40% load
• Single phase
• VSWxIN = 5.0 V, VSWxFB = 1.0 V
• fSW = 2.5 MHz
• TA = 25 °C
–
86
–
%
ηSWx_PWM_0P8
PWM efficiency at full load
• Single phase
• VSWxIN = 5.0 V, VSWxFB = 0.8 V
• fSW = 2.5 MHz
• TA = 25 °C
–
75
–
%
ηSWx_PWM_0P8 PWM efficiency at 40 % load
–
83.5
–
%
Table 138. SW2 - SW5 electrical characteristics...continued
PF09
All information provided in this document is subject to legal disclaimers.
© 2026 NXP B.V. All rights reserved.
Product data sheet
Rev. 1.3 — 16 December 2025
Document feedback
107 / 205



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com