Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPF0900AMBA0ES Datasheet(PDF) 111 Page - NXP Semiconductors

Part # MPF0900AMBA0ES
Description  Nine-channel power management IC with advanced system safety monitoring
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPF0900AMBA0ES Datasheet(HTML) 111 Page - NXP Semiconductors

Back Button MPF0900AMBA0ES Datasheet HTML 107Page - NXP Semiconductors MPF0900AMBA0ES Datasheet HTML 108Page - NXP Semiconductors MPF0900AMBA0ES Datasheet HTML 109Page - NXP Semiconductors MPF0900AMBA0ES Datasheet HTML 110Page - NXP Semiconductors MPF0900AMBA0ES Datasheet HTML 111Page - NXP Semiconductors MPF0900AMBA0ES Datasheet HTML 112Page - NXP Semiconductors MPF0900AMBA0ES Datasheet HTML 113Page - NXP Semiconductors MPF0900AMBA0ES Datasheet HTML 114Page - NXP Semiconductors MPF0900AMBA0ES Datasheet HTML 115Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 111 / 205 page
background image
NXP Semiconductors
PF09
Nine-channel power management IC with advanced system safety monitoring
VLDO1_RUN[4:0] VLDO1_STBY[4:0]
LDO1 output voltage
10100
2.20 V
10101
2.30 V
10110
2.40 V
10111
2.50 V
11000
2.60 V
11001
2.70 V
11010
2.80 V
11011
2.90 V
11100
3.00 V
11101
3.10 V
11110
3.20 V
11111
3.30 V
Table 142. LDO1 output voltage selection bits...continued
The LDO1 features a programmable soft-start time to set a fixed ramp-up time, regardless of the output voltage
level. The ramp-up time is selected in OTP via the OTP_LDO1_SS bit.
OTP_LDO1_SS
LDO1 ramp
0
Slow ramp
1
Fast ramp
Table 143. LDO1 soft-start selection bit
13.2.4.1 Load switch mode
The OTP_LDO1LS bit is provided to allow the LDO to operate in load switch configuration
OTP_LDO1LS
LDO1 operating mode
0
LDO mode
1
Load switch mode
Table 144. LDO1 load switch selection mode
In load switch mode, the block is capable of taking an input as low as 1.8 V and enabling the output in the
Power-up sequence, or enabling the output manually via the LDO1_RUN_EN and LDO1_STBY_EN bits.
When the LDO1 is operating in load switch mode, the monitoring voltage level is set by the VLDO1_RUN[4:0]
and the VLDO1_STBY[4:0] bits in the RUN and Monitored STANDBY states respectively. It is responsibility
of the system designer to set the voltage monitoring setpoint and the OV/UV monitoring threshold to a proper
level, to account for DC losses in the pass FET.
PF09
All information provided in this document is subject to legal disclaimers.
© 2026 NXP B.V. All rights reserved.
Product data sheet
Rev. 1.3 — 16 December 2025
Document feedback
111 / 205



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com