Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPF0900AMBA0ES Datasheet(PDF) 115 Page - NXP Semiconductors

Part # MPF0900AMBA0ES
Description  Nine-channel power management IC with advanced system safety monitoring
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPF0900AMBA0ES Datasheet(HTML) 115 Page - NXP Semiconductors

Back Button MPF0900AMBA0ES Datasheet HTML 111Page - NXP Semiconductors MPF0900AMBA0ES Datasheet HTML 112Page - NXP Semiconductors MPF0900AMBA0ES Datasheet HTML 113Page - NXP Semiconductors MPF0900AMBA0ES Datasheet HTML 114Page - NXP Semiconductors MPF0900AMBA0ES Datasheet HTML 115Page - NXP Semiconductors MPF0900AMBA0ES Datasheet HTML 116Page - NXP Semiconductors MPF0900AMBA0ES Datasheet HTML 117Page - NXP Semiconductors MPF0900AMBA0ES Datasheet HTML 118Page - NXP Semiconductors MPF0900AMBA0ES Datasheet HTML 119Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 115 / 205 page
background image
NXP Semiconductors
PF09
Nine-channel power management IC with advanced system safety monitoring
VLDOx_RUN[4:0] VLDOx_STBY[4:0]
LDOx output voltage
01100
1.25 V
01101
1.30 V
01110
1.40 V
01111
1.50 V
10000
1.80 V
10001
1.90 V
10010
2.00 V
10011
2.10 V
10100
2.20 V
10101
2.30 V
10110
2.40 V
10111
2.50 V
11000
2.60 V
11001
2.70 V
11010
2.80 V
11011
2.90 V
11100
3.00 V
11101
3.10 V
11110
3.20 V
11111
3.30 V
Table 149. LDOx output voltage selection bits...continued
The LDOx features a programmable soft-start time to set a fixed ramp-up time regardless of the output voltage
level. The ramp-up time is selected in OTP via the OTP_LDOx_SS bit.
OTP_LDOx_SS
LDOx ramp
0
Slow ramp
1
Fast ramp
Table 150. LDOx soft-start selection bit
Both LDO2 and LDO3 are provided with various modes of operation to address different systems. The mode of
operation is selected on OTP via the OTP_LDOx_MODE[1:0] bits.
OTP_LDOx_MODE[1:0]
LDOx operating mode
00
LDO mode
01
LDO bypass mode
10
Load switch mode
11
External VMON mode
Table 151. LDOx load switch selection mode
PF09
All information provided in this document is subject to legal disclaimers.
© 2026 NXP B.V. All rights reserved.
Product data sheet
Rev. 1.3 — 16 December 2025
Document feedback
115 / 205



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com