Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPF0900AMBA0ES Datasheet(PDF) 11 Page - NXP Semiconductors

Part # MPF0900AMBA0ES
Description  Nine-channel power management IC with advanced system safety monitoring
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPF0900AMBA0ES Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button MPF0900AMBA0ES Datasheet HTML 7Page - NXP Semiconductors MPF0900AMBA0ES Datasheet HTML 8Page - NXP Semiconductors MPF0900AMBA0ES Datasheet HTML 9Page - NXP Semiconductors MPF0900AMBA0ES Datasheet HTML 10Page - NXP Semiconductors MPF0900AMBA0ES Datasheet HTML 11Page - NXP Semiconductors MPF0900AMBA0ES Datasheet HTML 12Page - NXP Semiconductors MPF0900AMBA0ES Datasheet HTML 13Page - NXP Semiconductors MPF0900AMBA0ES Datasheet HTML 14Page - NXP Semiconductors MPF0900AMBA0ES Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 205 page
background image
NXP Semiconductors
PF09
Nine-channel power management IC with advanced system safety monitoring
9 Pinning information
9.1 Pinning
The PF09 is offered in a 56-pin, 8 x 8 mm2 body size QFN with exposed pad and wettable flanks.
EPAD
42
INTB
41
SW1INA
FSYNC
40
SW1INB
39
SW1LXA
38
SW1LXB
37
SW5IN
36
SW5LXA
35
SW5LXB
34
SW4LXB
33
SW4LXA
32
SW4IN
31
VMON2
30
VMON1
29
STBY 1
LDO2IN 2
LDO2OUT 3
FCCU0 4
SW3IN 5
SW3LXA 6
SW3LXB 7
SW2LXB 8
SW2LXA 9
SW2IN 10
NC1 11
LDO3OUT 12
LDO3IN 13
XFAILB 14
aaa-056043
Figure 5. PF09 package pinout (top view)
9.2 Pin description
Pin
Pin name
Description
Min
Max
Units
1
STBY
STANDBY request
-0.3
6.0
V
2
LDO2IN
LDO2 input
-0.3
6.0
V
3
LDO2OUT
LDO2 output
-0.3
6.0
V
4
FCCU0
FCCU fault monitoring input 0
-0.3
6.0
V
5
SW3IN
SW3 Input
-0.3
6.0
V
6
SW3LXA
SW3 switching node A
-0.3
6.0
V
7
SW3LXB
SW3 switching node B
-0.3
6.0
V
8
SW2LXB
SW2 switching node B
-0.3
6.0
V
9
SW2LXA
SW2 switching node A
-0.3
6.0
V
10
SW2IN
SW2 input
-0.3
6.0
V
Table 4. QFN56 Pin description
PF09
All information provided in this document is subject to legal disclaimers.
© 2026 NXP B.V. All rights reserved.
Product data sheet
Rev. 1.3 — 16 December 2025
Document feedback
11 / 205



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com