Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPF0900AMBA0ES Datasheet(PDF) 51 Page - NXP Semiconductors

Part # MPF0900AMBA0ES
Description  Nine-channel power management IC with advanced system safety monitoring
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPF0900AMBA0ES Datasheet(HTML) 51 Page - NXP Semiconductors

Back Button MPF0900AMBA0ES Datasheet HTML 47Page - NXP Semiconductors MPF0900AMBA0ES Datasheet HTML 48Page - NXP Semiconductors MPF0900AMBA0ES Datasheet HTML 49Page - NXP Semiconductors MPF0900AMBA0ES Datasheet HTML 50Page - NXP Semiconductors MPF0900AMBA0ES Datasheet HTML 51Page - NXP Semiconductors MPF0900AMBA0ES Datasheet HTML 52Page - NXP Semiconductors MPF0900AMBA0ES Datasheet HTML 53Page - NXP Semiconductors MPF0900AMBA0ES Datasheet HTML 54Page - NXP Semiconductors MPF0900AMBA0ES Datasheet HTML 55Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 205 page
background image
NXP Semiconductors
PF09
Nine-channel power management IC with advanced system safety monitoring
Regulator
bit to bypass a current limit bit to bypass an undervoltage
bit to bypass an overvoltage
SW3
SW3_IL_BYP
SW3_UV_BYP
SW3_OV_BYP
SW4
SW4_IL_BYP
SW4_UV_BYP
SW4_OV_BYP
SW5
SW5_IL_BYP
SW5_UV_BYP
SW5_OV_BYP
LDO1
LDO1_IL_BYP
LDO1_UV_BYP
LDO1_OV_BYP
LDO2
LDO2_IL_BYP
LDO2_UV_BYP
LDO2_OV_BYP
LDO3
LDO3_IL_BYP
LDO3_UV_BYP
LDO3_OV_BYP
VAON
—
VAON_UV_BYP
VAON_OV_BYP
Table 50. Bits to enable/disable regulators at UV/OV...continued
Bypassing the fault detection prevents the specific fault from incrementing the counter, starting the fault timer, or
disabling the regulator, if programmed to turn off upon the specific fault.
Bypassing the OV/UV fault detection will also prevent the OV/UV condition from asserting the PGOOD pin when
the corresponding PG_EN is set to 1.
If a specific fault is bypassed, the PF09 will still set the corresponding interrupt bit and the INTB pin will be
asserted if the interrupt is not masked.
12.6.2.3 Fault timer
To prevent a persistent fault condition, the PF09 provides a programmable fault timer in order to generate a
hard fault in the event the soft-fault condition due to an OV,UV or ILIM cannot be cleared.
The default value for the duration of the fault timer is set by the OTP_TIMER_FAULT[3:0] bits, however the
timer duration can be changed during the system-on states by modifying the TIMER_FAULT[3:0] bits in the I2C
registers.
TIMER_FAULT [3:0]
Fault timer value
0000
Disabled
0001
1 ms
0010
2 ms
0011
4 ms
0100
8 ms
0101
16 ms
0110
32 ms
0111
64 ms
1000
128 ms
1001
256 ms
1010
512 ms
1011
1024 ms
1100
2048 ms
1101
Reserved
1110
Reserved
Table 51. Fault timer
PF09
All information provided in this document is subject to legal disclaimers.
© 2026 NXP B.V. All rights reserved.
Product data sheet
Rev. 1.3 — 16 December 2025
Document feedback
51 / 205



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com