Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPF0900AMBA0ES Datasheet(PDF) 196 Page - NXP Semiconductors

Part # MPF0900AMBA0ES
Description  Nine-channel power management IC with advanced system safety monitoring
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPF0900AMBA0ES Datasheet(HTML) 196 Page - NXP Semiconductors

Back Button MPF0900AMBA0ES Datasheet HTML 192Page - NXP Semiconductors MPF0900AMBA0ES Datasheet HTML 193Page - NXP Semiconductors MPF0900AMBA0ES Datasheet HTML 194Page - NXP Semiconductors MPF0900AMBA0ES Datasheet HTML 195Page - NXP Semiconductors MPF0900AMBA0ES Datasheet HTML 196Page - NXP Semiconductors MPF0900AMBA0ES Datasheet HTML 197Page - NXP Semiconductors MPF0900AMBA0ES Datasheet HTML 198Page - NXP Semiconductors MPF0900AMBA0ES Datasheet HTML 199Page - NXP Semiconductors MPF0900AMBA0ES Datasheet HTML 200Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 196 / 205 page
background image
NXP Semiconductors
PF09
Nine-channel power management IC with advanced system safety monitoring
20 Revision history
Document ID
Release date
Description
PF09 v.1.3
16 December
2025
• Added new part number "MPF0900AVSA0ES" in Table 2
• Updated VAON_TON Max value from "1" to "1.7" in Table 109
PF09 v.1.2
11 November
2025
• Updated "Automotive qualified by AEC-Q100 rev H up to Grade 1" to "Automotive
qualified by AEC-Q100 rev J up to Grade 1" in Section 2 and Section 10.1
• Removed "Max value = 400" from IHYS_GPIO1, IHYS_GPIO2, IHYS_GPIO3, IHYS_GPIO4,
IHYS_FS0B, IHYS_XFAILB in Table 63
• Updated 0x0D DEFAULT value from "0001_1111" to "0011_1111" in Table 229
PF09 v.1.1
15 October 2025
• Updated "OTP_MAX_FS[3:0]" parameter to "OTP_MAX_FS_CNT[3:0]" in
Section 11.2.11
• Updated description in FLTCNT_FAIL from "The Fault counter reaches the
maximum number of failures allowed. (FAULT_CNT[3:0] = MAX_FLT_CNT[3:0]"
to "The Fault counter reaches the maximum number of failures allowed. (FAULT_
CNT[3:0] = FAULT_MAX_CNT[3:0]" in Table 57
• Removed VAON ILIM INT, VAON ILIM MSK, and VAON ILIM SNS BIT3 register in
Table 60
• Updated Figure 20
PF09 v.1.0
30 September
2025
• Changed Figure 23 title from "Dual PMIC interaction with fault on master device" to
"Dual PMIC interaction with fault on controller device"
• Updated Table 2
• Updated Table 26
– Changed VIN_OV Min value from "5.6" to "5.6.5" and Max value from "6" to "5.9.5"
– Changed VIN_OV_HYS Min value from "70" to "50"
– Added VIN_OV_HYS Typ value as "100"
• Updated Table 203
– Changed ERRMON deglitch time Min value from "4" to "9" and Max value from
"8" to "11"
– Added ERRMON deglitch time Typ value as "10"
• Updated how to request LBIST on demand steps in Section 14.10.2
• Updated VDDIO description in Table 236
PF09 v.0.7
21 August 2025
• Preliminary data sheet
• Global: corrected capitalization, hyphenation, and format (adding and removing
subscript format)
• Updated Table 2
• Table 3: updated watchdog manager characteristic for SIL2 to static watchdog
• Figure 16: adjusted font for legibility
• Figure 17: adjusted font for legibility
• Added table title to Table 59
• Added table title to Table 90
• Section 12.8.9.2: corrected bit field descriptions for VLDO_RUN and VLDO_STBY
• Table 85: corrected bit field descriptions for VLDO_RUN and VLDO_STBY
• Section 12.8.10.2: changed LDO2EN to LDO1EN
• Section 13.2.2: updated DVS information
• Table 126: corrected the heading of the second column
• Updated Section 13.2.4
• Table 145: added RDSON information
• Updated Section 13.2.5
• Section 13.2.5.3: corrected VLDOx_RUN bit field description
Table 237. Revision history
PF09
All information provided in this document is subject to legal disclaimers.
© 2026 NXP B.V. All rights reserved.
Product data sheet
Rev. 1.3 — 16 December 2025
Document feedback
196 / 205



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com