Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP113F Datasheet(PDF) 13 Page - List of Unclassifed Manufacturers

Part # IP113F
Description  Managed 10/100Base-TX / FX Media Converter
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

IP113F Datasheet(HTML) 13 Page - List of Unclassifed Manufacturers

Back Button IP113F Datasheet HTML 9Page - List of Unclassifed Manufacturers IP113F Datasheet HTML 10Page - List of Unclassifed Manufacturers IP113F Datasheet HTML 11Page - List of Unclassifed Manufacturers IP113F Datasheet HTML 12Page - List of Unclassifed Manufacturers IP113F Datasheet HTML 13Page - List of Unclassifed Manufacturers IP113F Datasheet HTML 14Page - List of Unclassifed Manufacturers IP113F Datasheet HTML 15Page - List of Unclassifed Manufacturers IP113F Datasheet HTML 16Page - List of Unclassifed Manufacturers IP113F Datasheet HTML 17Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 46 page
background image
IP113F
Preliminary Data Sheet
Bit definition of maintenance frame (continued)
Bit
Item
Description
Note
S6
Information for notice of
terminal link status
(Available for option B or
not)
0: terminal IP113F does not support option B.
1: terminal IP113F supports option B, which
can inform speed, duplex, and
auto-negotiation in terminal IP113F.
If S11 = “1”, S6=”X’
S8 – S7
Terminal link speed
00: 10 Mbps
01: 100 Mbps
10: 1000 Mbps
11: others
It is valid, if S6 = ”1”.
If S2 or S11 = “1”, S7, S8 = {X, X}
S9
Duplex for the terminal side
1: full duplex, 0: half duplex
It is valid, if S6 = ”1”.
If S6 =“0”, S9=“0”.
If {S7, S8} = {1,1}, S9=”X”
If S2 or S11 = “1”, S9=”X”
S10
Auto-negotiation capability
for the terminal side
1: available, 0: un-available
It is valid, if S6 = ”1”.
If S6 =“0”, S10=“0”.
If {S7, S8} = {1,1}, S10=”X”
If S11 = “1”, S10=”X”
S11
Number of interface in
Terminal/ network side
0: one UTP
1: more than one UTP
S15 – S12
Reserved
M23 – M0
Vender code
Vender code for TTC standard
It is C30900h.
M47 – M24
Model number
Specified by vender
It is 000000h.
E7 – E0
FCS
CRC – 8
FCS calculation area: C0 - M47
Confidential.
13/46
Aug. 20, 2003
Copyright © 2003, IC Plus Corp.
IP113F-DS-R02



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com