Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP113F Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # IP113F
Description  Managed 10/100Base-TX / FX Media Converter
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

IP113F Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button IP113F Datasheet HTML 4Page - List of Unclassifed Manufacturers IP113F Datasheet HTML 5Page - List of Unclassifed Manufacturers IP113F Datasheet HTML 6Page - List of Unclassifed Manufacturers IP113F Datasheet HTML 7Page - List of Unclassifed Manufacturers IP113F Datasheet HTML 8Page - List of Unclassifed Manufacturers IP113F Datasheet HTML 9Page - List of Unclassifed Manufacturers IP113F Datasheet HTML 10Page - List of Unclassifed Manufacturers IP113F Datasheet HTML 11Page - List of Unclassifed Manufacturers IP113F Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 46 page
background image
IP113F
Preliminary Data Sheet
1.
PIN Description (continued)
Pin no.
Label
Type
Description
LED pins used as initial setting mode during reset
33
TWO_FIBER
IPL
Two fiber ports
1: IP113F supports two-fiber ports mode. Both port 1 and
port 2 are fiber ports. RXIP and RXIM are used as
FXRDP and FXRDM for the second fiber port. TXOP
and TXOM are used as FXTDP and FXTDM for the
second fiber port.
A special requirement for the fiber MAU of port1 in this
application is that the output of FXRDP and FXRDM
should have no incoming signals when fiber is
unplugged.
For some fiber MAUs, there are amplified noisy signals
on FXRDP and FXRDM when fiber is unplugged.
These amplified noisy signals, which include coupled
idle patterns from FXTDP and FXTDM will cause the
LEDs of port1 malfunction
Generally, a 3.3-V small form factor type fiber MAUs
(e.g. Agilent HFBR-5903) can meet this special
requirement, but 5-V duplex-SC and -ST type fiber
MAUs cannot. Port2 is not limited by this special
requirement.
0: IP113F supports one fiber port and one TP port. Port 1
is a TP port and port 2 is a fiber port.
Confidential.
8/46
Aug. 20, 2003
Copyright © 2003, IC Plus Corp.
IP113F-DS-R02



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com