Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP113F Datasheet(PDF) 41 Page - List of Unclassifed Manufacturers

Part # IP113F
Description  Managed 10/100Base-TX / FX Media Converter
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

IP113F Datasheet(HTML) 41 Page - List of Unclassifed Manufacturers

Back Button IP113F Datasheet HTML 37Page - List of Unclassifed Manufacturers IP113F Datasheet HTML 38Page - List of Unclassifed Manufacturers IP113F Datasheet HTML 39Page - List of Unclassifed Manufacturers IP113F Datasheet HTML 40Page - List of Unclassifed Manufacturers IP113F Datasheet HTML 41Page - List of Unclassifed Manufacturers IP113F Datasheet HTML 42Page - List of Unclassifed Manufacturers IP113F Datasheet HTML 43Page - List of Unclassifed Manufacturers IP113F Datasheet HTML 44Page - List of Unclassifed Manufacturers IP113F Datasheet HTML 45Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 46 page
background image
IP113F
Preliminary Data Sheet
Extended MII registers and EEPROM registers (continued)
MII
ROM
NAME
R/W
DESCRIPTION
DEFAULT
Link partner MC extended status register (MII register 23D)
23.0
--
lp_loopback_en
RO
Loop-back enable of remote LP
1: LP is in loop back mode
0: LP is in normal mode
0
23.1
--
lp_status_rpt_en
RO
Option B support
1: support
0: not support
0
23.2
--
lp_tp_autoneg_en
RO
TP port auto-negotiation enable
1: enable, 0:disable
0
23.3
--
lp_tp_speed_mode
RO
TP port speed selection
1: 100M, 0:10M
0
23.4
--
lp_tp_duplex_mode
RO
TP port duplex mode selection
1: full duplex, 0: half duplex
0
23.5
--
lp_tp_flow_ctrl_en
RO
TP port flow control selection
Note
1: flow control enable
0: flow control disable
0
23.6
--
lp_tp_link_off
RO
TP port link off
1: link off,
0:link on
1
23.7
--
lp_fb_flow_ctrl_en
RO
Fiber port flow control/backpressure enable
1: flow control enable
0: flow control disable
0
23.8
--
lp_fb_duplex_mode
RO
Fiber port duplex mode
1: full duplex, 0: half duplex
0
23.9
--
lp_fb_link_status
RO
Fiber port signal detect (power) off
1: off,
0: on
0
23.10
--
reserved
RO
0
23.11
--
lp_power_abnormal
RO
MC power abnormal
1: power abnormal
0: power O.K.
0
23.12
--
lp_mc_failed
RO
MC failed
1: MC is out of function
0: MC is normal
0
23.13
--
lp_sd_off_way
RO
Link Partner informing way of SD off
1: far end fault pattern
0: maintenance frame
0
23.14
--
lp_multi_tp_port
RO
MC support multi-port UTP
1: more than one TP port
0: one TP port
0
23.15
--
mg_link_pass_en
RO
Link Fault Pass through enable
1: LFP is enable
0: LFP is disable
0
Note: Only available when MII 20.10 = 0.
Confidential.
41/46
Aug. 20, 2003
Copyright © 2003, IC Plus Corp.
IP113F-DS-R02



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com