Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP113F Datasheet(PDF) 40 Page - List of Unclassifed Manufacturers

Part # IP113F
Description  Managed 10/100Base-TX / FX Media Converter
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

IP113F Datasheet(HTML) 40 Page - List of Unclassifed Manufacturers

Back Button IP113F Datasheet HTML 36Page - List of Unclassifed Manufacturers IP113F Datasheet HTML 37Page - List of Unclassifed Manufacturers IP113F Datasheet HTML 38Page - List of Unclassifed Manufacturers IP113F Datasheet HTML 39Page - List of Unclassifed Manufacturers IP113F Datasheet HTML 40Page - List of Unclassifed Manufacturers IP113F Datasheet HTML 41Page - List of Unclassifed Manufacturers IP113F Datasheet HTML 42Page - List of Unclassifed Manufacturers IP113F Datasheet HTML 43Page - List of Unclassifed Manufacturers IP113F Datasheet HTML 44Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 46 page
background image
IP113F
Preliminary Data Sheet
Extended MII registers and EEPROM registers (continued)
MII
ROM
NAME
R/W
DESCRIPTION
Local MC extended register (MII register 22D, EEPROM register 06~07D)
22.0
6.0
mg_loopback_en
R/W
Loop-back test enable (same as MII register
0.14)
1: loop back mode
0: normal mode
0
22.1
6.1
mg_status_rpt
_en
RO
TP port status available
1: TP status is valid
0: TP status is not ready
0
22.2
6.2
p01_mg_auto
_neg_en
R/W
TP port auto-negotiation enable (same as
MII register 0.12)
1: TP auto-negotiation enable
0: TP auto-negotiation disable
1
22.3
6.3
p01_mg_speed
_mode
R/W
TP port speed selection (same as MII
register 0.13)
1: 100M, 0:10M
Pin (1)
22.4
6.4
p01_mg_duplex
_mode
R/W
TP port duplex mode selection (same as MII
register 0.8)
1: full duplex, 0:half duplex
Pin (1)
22.5
6.5
p01_mg_flow
_ctrl_en
R/W
TP port flow control selection (same as MII
register 4.10)
1: on, 0:off
Pin (1)
22.6
6.6
p01_mg_link
_status
RO
TP port link status off
1: link off, 0: link ok
0
22.7
6.7
p02_mg_flow
_ctrl_en
R/W
Fiber port flow control/backpressure enable
1: enable, 0: disable
Pin (1)
22.8
7.0
p02_mg_duplex
_mode
R/W
Fiber port duplex mode (FX_FULL)
1: full duplex, 0:half duplex
1
22.9
7.1
p02_mg_link
_status
RO
LL
RC
Fiber port signal detect (power)
1: Fiber SD has been low since last read
0: Fiber SD is O.K.
1
22.10
7.2
p02_mg_fef
_detect
RO
LH
RC
Fiber port Far-End-Fault detect
1: FEF has been detected since last read
0: no FEF pattern detected
0
22[12:1
1]
7[4:3]
p01_mg_throttle
_confg
R/W
TP port input Rate Control
2'b00: full speed
2'b01: 1/4 speed
2'b10: 2/4 speed
2'b11: 3/4 speed
00
22[14:1
3]
7[6:5]
p01_mg_throttle_co
nfg
R/W
TP port output Rate Control
2'b00: full speed
2'b01: 1/4 speed
2'b10: 2/4 speed
2'b11: 3/4 speed
00
22.15
7.7
mg_link_pass_en
R/W
Link Fault Pass through enable (LFP)
1: enable, 0: disable
Pin (0)
DEFAULT
Confidential.
40/46
Aug. 20, 2003
Copyright © 2003, IC Plus Corp.
IP113F-DS-R02



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com