Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP113F Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # IP113F
Description  Managed 10/100Base-TX / FX Media Converter
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

IP113F Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button IP113F Datasheet HTML 3Page - List of Unclassifed Manufacturers IP113F Datasheet HTML 4Page - List of Unclassifed Manufacturers IP113F Datasheet HTML 5Page - List of Unclassifed Manufacturers IP113F Datasheet HTML 6Page - List of Unclassifed Manufacturers IP113F Datasheet HTML 7Page - List of Unclassifed Manufacturers IP113F Datasheet HTML 8Page - List of Unclassifed Manufacturers IP113F Datasheet HTML 9Page - List of Unclassifed Manufacturers IP113F Datasheet HTML 10Page - List of Unclassifed Manufacturers IP113F Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 46 page
background image
IP113F
Preliminary Data Sheet
1.
PIN Description (continued)
Pin no.
Label
Type
Description
LED pins used as initial setting mode during reset
29
X_EN
IPH
IEEE 802.3X enable on TP port and fiber port
1: enable (default),
0: disable
24
TP_FORCE
IPL
Local TP port auto negotiation enable
1: TP port supports auto-negotiation with limited capability
defined in SPEED_MODE and DUPLEX_MODE.
0: TP port supports auto-negotiation with 10M/100M, full/
half capability (default)
The default value may be updated by either programming
EEPROM register 3.5 or MII register 20.13.
38
SPEED_MODE
IPH
Local TP port speed
1: TP port has the 100Mb speed ability
0: TP port has the 10Mb speed ability only
It is valid only if TP_FORCE is enabled.
30
DUPLEX_MODE
IPH
Local TP port duplex
1: TP port has the Full duplex ability
0: TP port has the Half duplex ability only
It is valid only if TP_FORCE is enabled.
25
AUTO_SEND
IPL
Auto send the status to the remote IP113F
1: enable
0: disable (default)
36
FX_FULL
IPH
Set the duplex of fiber port
1: full duplex (default)
0: half duplex
3
AUTO_TEST
IPL
Auto loop back test
1: enable
When IP113F detects a low-to-high transition on this pin, it
will perform loop back test for once.
0: disable (default)
Confidential.
7/46
Aug. 20, 2003
Copyright © 2003, IC Plus Corp.
IP113F-DS-R02



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com