Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP113F Datasheet(PDF) 45 Page - List of Unclassifed Manufacturers

Part # IP113F
Description  Managed 10/100Base-TX / FX Media Converter
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

IP113F Datasheet(HTML) 45 Page - List of Unclassifed Manufacturers

Back Button IP113F Datasheet HTML 38Page - List of Unclassifed Manufacturers IP113F Datasheet HTML 39Page - List of Unclassifed Manufacturers IP113F Datasheet HTML 40Page - List of Unclassifed Manufacturers IP113F Datasheet HTML 41Page - List of Unclassifed Manufacturers IP113F Datasheet HTML 42Page - List of Unclassifed Manufacturers IP113F Datasheet HTML 43Page - List of Unclassifed Manufacturers IP113F Datasheet HTML 44Page - List of Unclassifed Manufacturers IP113F Datasheet HTML 45Page - List of Unclassifed Manufacturers IP113F Datasheet HTML 46Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 45 / 46 page
background image
IP113F
Preliminary Data Sheet
3.
Signal Requirements
3.1.
Absolute Maximum Rating
Stresses above those listed under Absolute Maximum Ratings may cause permanent damage to the
device. Functional performance and device reliability are not guaranteed under these conditions. All
voltages are specified with respect to GND.
Supply Voltage
–0.3V to Vcc+0.3V
Input Voltage
–0.3V to Vcc+0.3V
Output Voltage
–0.3V to Vcc+0.3V
Storage Temperature
-55
°C to 125°C
Ambient Operating Temperature (Ta)
0
°C to 70°C
3.2.
DC Characteristic
Operating Conditions
Parameter
Sym.
Min.
Typ.
Max.
Unit
Conditions
Supply Voltage
VCC
2.375
2.5
2.645
V
Operation Junction Temperature
Tj
TBD
°C
Power Consumption
0.475
W
VCC=2.5v
Input Clock
Parameter
Sym.
Min.
Typ.
Max.
Unit
Conditions
Frequency
25
MHz
Frequency Tolerance
-100
+100
PPM
I/O Electrical Characteristics
Parameter
Sym.
Min.
Typ.
Max.
Unit
Conditions
Input Low Voltage
VIL
0.8
V
Input High Voltage
VIH
2.0
V
Output Low Voltage
VOL
0.4
V
IOH=4mA
Output High Voltage
VOH
VCC_I
O-0.4
V
IOL=4mA
4.
Order Information
Part No.
Package
Notice
IP113F
48-PIN LQFP
-
Confidential.
45/46
Aug. 20, 2003
Copyright © 2003, IC Plus Corp.
IP113F-DS-R02



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com