Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP113F Datasheet(PDF) 44 Page - List of Unclassifed Manufacturers

Part # IP113F
Description  Managed 10/100Base-TX / FX Media Converter
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

IP113F Datasheet(HTML) 44 Page - List of Unclassifed Manufacturers

Back Button IP113F Datasheet HTML 38Page - List of Unclassifed Manufacturers IP113F Datasheet HTML 39Page - List of Unclassifed Manufacturers IP113F Datasheet HTML 40Page - List of Unclassifed Manufacturers IP113F Datasheet HTML 41Page - List of Unclassifed Manufacturers IP113F Datasheet HTML 42Page - List of Unclassifed Manufacturers IP113F Datasheet HTML 43Page - List of Unclassifed Manufacturers IP113F Datasheet HTML 44Page - List of Unclassifed Manufacturers IP113F Datasheet HTML 45Page - List of Unclassifed Manufacturers IP113F Datasheet HTML 46Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 44 / 46 page
background image
IP113F
Preliminary Data Sheet
Extended MII registers and EEPROM registers (continued)
MII
ROM
NAME
R/W
DESCRIPTION
DEFAULT
Switch configuration register 3 (MII register 31D)
31.0
--
software_reset
R/W
SC
Chip software reset
It is a self-clear bit. All registers are not
affected after the software reset is asserted.
1: reset, 0: not reset
0
31.1
--
mg_power_indicate
_disable
R/W
IP113F power abnormal indication disable
1: disable power abnormal notice
0: enable power abnormal notice
0
31[3:2]
--
link_list_fail
RO
Link list failure indication
bit[2] : TP port link list abnormal
bit[3] : Fiber port link list abnormal
1: fail
0: ok
00
31[5:4]
--
BIST_status
RO
BIST Status of embedded SSRAM
bit[4] : memory is under testing
1: under testing, 0: testing over
bit[5] : memory test result is good when
testing over
1: good, 0: fail
01
31[6]
--
mg_auto_loopback
_test
R/W
Auto loopback test enable
1: enable, 0:disable
0
31[7]
--
mg_t2_timer
_disable
R/W
Loopback test T2 timer disable (TS-1000)
1: The MC will not send loopback end
indication MF when T2 timer expired
0: The MC will send loopback end MF when
T2 timer expired
0
31[8]
--
mg_auto_loopback
_complete
RO
Auto loopback test complete
1: completed, 0: still testing
0
31[9]
--
mg_auto_loopback
_ok
RO
Auto loopback test OK
1: good, 0: fail
0
31[15:10]
--
Reserved
Confidential.
44/46
Aug. 20, 2003
Copyright © 2003, IC Plus Corp.
IP113F-DS-R02



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com