Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP113F Datasheet(PDF) 27 Page - List of Unclassifed Manufacturers

Part # IP113F
Description  Managed 10/100Base-TX / FX Media Converter
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

IP113F Datasheet(HTML) 27 Page - List of Unclassifed Manufacturers

Back Button IP113F Datasheet HTML 23Page - List of Unclassifed Manufacturers IP113F Datasheet HTML 24Page - List of Unclassifed Manufacturers IP113F Datasheet HTML 25Page - List of Unclassifed Manufacturers IP113F Datasheet HTML 26Page - List of Unclassifed Manufacturers IP113F Datasheet HTML 27Page - List of Unclassifed Manufacturers IP113F Datasheet HTML 28Page - List of Unclassifed Manufacturers IP113F Datasheet HTML 29Page - List of Unclassifed Manufacturers IP113F Datasheet HTML 30Page - List of Unclassifed Manufacturers IP113F Datasheet HTML 31Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 46 page
background image
IP113F
Preliminary Data Sheet
The basic MII registers (continued)
MII
NAME
R/W
DESCRIPTION
DEFAULT
MII status register (address 01h)
1.15
100Base-T4 capable
RO
1 = 100Base-T4 capable
0 = not 100Base-T4 capable
IP113F does not support 100Base-T4. This bit is
fixed to be 0.
0
1.14
100Base-X full
duplex Capable
RO
1 = 100Base-X full duplex capable
0 = not 100Base-X full duplex capable
The default of this bit will change depend on the
external setting of IP113F. If external pin setting
without 100Base-X full duplex support, then this bit
will change default to logic 0.
1
1.13
100Base-X half
duplex Capable
RO
1 = 100Base-X half duplex capable
0 = not 100Base-X half duplex capable
The default of this bit will change depend on the
external setting of IP113F. If external pin setting
without 100Base-X half duplex support, then this bit
will change default to logic 0
1
1.12
10Base-T full duplex
Capable
RO
1 = 10Base-T full duplex capable
0 = not 10Base-T full duplex capable
The default of this bit will change depend on the
external setting of IP113F. If external pin setting
without 100Base-T full duplex support, then this bit
will change default to logic 0
1
1.11
10Base-T half duplex
Capable
RO
1 = 10Base-T half duplex capable
0 = not 10Base-T half duplex capable
The default of this bit will change depend on the
external setting of IP113F. If external pin setting
without 100Base-X full duplex support, then this bit
will change default to logic 0
1
1[10:7]
Reserved
RO
Ignore on read
-
1.6
MF preamble
Suppression
RO
1 = preamble may be suppressed
0 = preamble always required
1
1.5
Auto-Negotiation
Complete
RO
1 = Auto-Negotiation complete
0 = Auto-Negotiation in progress
When
read
as
logic
1,
indicates
that
the
Auto-Negotiation process has been completed, and
the contents of register 4, 5, 6 and 7 are valid. When
read as logic 0, indicates that the Auto-Negotiation
process has not been completed, and the contents
of register 4, 5, 6 and 7 are meaningless. If
Auto-Negotiation is disabled (bit 0.12 set to logic 0),
then this bit will always read as logic 0.
0
Confidential.
27/46
Aug. 20, 2003
Copyright © 2003, IC Plus Corp.
IP113F-DS-R02



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com