Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP113F Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # IP113F
Description  Managed 10/100Base-TX / FX Media Converter
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

IP113F Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button IP113F Datasheet HTML 2Page - List of Unclassifed Manufacturers IP113F Datasheet HTML 3Page - List of Unclassifed Manufacturers IP113F Datasheet HTML 4Page - List of Unclassifed Manufacturers IP113F Datasheet HTML 5Page - List of Unclassifed Manufacturers IP113F Datasheet HTML 6Page - List of Unclassifed Manufacturers IP113F Datasheet HTML 7Page - List of Unclassifed Manufacturers IP113F Datasheet HTML 8Page - List of Unclassifed Manufacturers IP113F Datasheet HTML 9Page - List of Unclassifed Manufacturers IP113F Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 46 page
background image
IP113F
Preliminary Data Sheet
1.
PIN Description (continued)
Pin no.
Label
Type
Description
LED pins
31
LED_TP_LINK
O
TP port link LED
On: link ok,
Off: link fail,
Flash: link ok & activity
(Flash: on for 20ms and off for 80ms)
33
LED_TP_SPD
O
TP port speed LED
On: 100M,
Off: 10M
32
LED_TP_FDX
O
TP port full duplex LED
On: full,
Off: half,
Flash: half & collision happens
(Flash: on for 20ms and off for 80ms)
36
LED_FX_LINK
O
Fiber port link LED
On: link ok,
Off: link fail,
Flash: link ok & activity
(Flash: on for 20ms and off for 80ms)
37
LED_FX_FDX
O
Fiber port full duplex LED
On: full,
Off: half,
Flash: half & collision happens
(Flash: on for 20ms and off for 80ms)
38
LED_FX_SD
O
Fiber port signal detect
On: fiber signal detected,
Off: fiber unplugged
30
LED_FX_FEF_DET
O
Far end fault pattern received
For End Fault Patterns Receive
LED On: 80ms, LED Off: 20ms
For End Fault Pattern not Receive
LED always Off
29
LED_RMT_TP_LINK
O
LED for link status of TP port of remote IP113F
When AUTO_TEST is logic low,
On: link ok,
Off: link fail
When AUTO_TEST is pulled high, it is always flash in a
period of 100ms (On: 80ms, Off: 20ms)
25
LED_RMP_TP_SPD
O
LED for speed of TP port of remote IP113F
When AUTO_TEST is logic low,
On: 100M,
Off: 10M
When AUTO_TEST is pulled high,
On: loop back test complete,
Off: during loop back test
24
LED_RMT_TP_FDX
O
LED for full duplex of TP port of remote IP113F
When AUTO_TEST is logic low,
On: full,
Off: half
When AUTO_TEST is pulled high,
On: loop back test ok,
Off: loop back test fail
Note: The output of LED pin is logic low when the LED is on.
Confidential.
6/46
Aug. 20, 2003
Copyright © 2003, IC Plus Corp.
IP113F-DS-R02



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com