Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP113F Datasheet(PDF) 35 Page - List of Unclassifed Manufacturers

Part # IP113F
Description  Managed 10/100Base-TX / FX Media Converter
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

IP113F Datasheet(HTML) 35 Page - List of Unclassifed Manufacturers

Back Button IP113F Datasheet HTML 31Page - List of Unclassifed Manufacturers IP113F Datasheet HTML 32Page - List of Unclassifed Manufacturers IP113F Datasheet HTML 33Page - List of Unclassifed Manufacturers IP113F Datasheet HTML 34Page - List of Unclassifed Manufacturers IP113F Datasheet HTML 35Page - List of Unclassifed Manufacturers IP113F Datasheet HTML 36Page - List of Unclassifed Manufacturers IP113F Datasheet HTML 37Page - List of Unclassifed Manufacturers IP113F Datasheet HTML 38Page - List of Unclassifed Manufacturers IP113F Datasheet HTML 39Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 46 page
background image
IP113F
Preliminary Data Sheet
Extended MII registers and EEPROM registers (continued)
MII
ROM
NAME
R/W
DESCRIPTION
DEFAULT
Interrupt register (17D)
17.0
--
intr_link
RO
RC
Link status change
It is logic “1” when link status changes on TP
port and it will active interrupt pin. It is
self-clear after reading the register.
1: Interrupt occur 0: nothing happen
0
17.1
--
intr_duplex
RO
RC
Duplex mode change
1: Interrupt occur 0: nothing happen
0
17.2
--
intr_speed
RO
RC
Speed mode change
1: Interrupt occur 0: nothing happen
0
17.3
--
intr_mf_rx_indicate
RO
RC
Maintenance frame receive indication
1: Interrupt occur 0: nothing happen
0
17.4
--
intr_cnt_overflow
RO
RC
Statistic counter overflow
1: Interrupt occur 0: nothing happen
0
17.5
--
intr_status
RO
RC
Interrupt status
1: Interrupt occur 0: nothing happen
It is logic “OR” of 17.0~17.4.
0
17.6
--
Intr_pwabn
RO
RC
Interrupt status
1: remote link partner power abnormal
0: nothing happen
0
17.7
--
Intr_pwabn_en
RW
Remote LP power abnormal interrupt enable
1: not mask interrupt
0: mask interrupt
0
17.8
--
intr_link_mask
RW
Mask TP port link change Interrupt
1: mask, 0: not mask (default)
1
17.9
--
intr_duplex_mask
RW
Mask TP port duplex mode change Interrupt
1: mask interrupt (default), 0: not mask
1
17.10
--
intr_speed_mask
RW
Mask TP port speed mode change Interrupt
1: mask interrupt (default), 0: not mask
1
17.11
--
intr_mf_rx_indc
_mask
RW
Mask maintenance frame receive indication
Interrupt
1: mask interrupt (default), 0: not mask
1
17.12
--
intr_cnt_ov_mask
RW
Mask Statistic counter overflow Interrupt
1: mask interrupt (default), 0: not mask
1
17.13
--
intr_all_mask
RW
Mask all Interrupt
1: mask interrupt (default), 0: not mask
1
17[15:14]
--
Reserved
RW
0
Confidential.
35/46
Aug. 20, 2003
Copyright © 2003, IC Plus Corp.
IP113F-DS-R02



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com