Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP113F Datasheet(PDF) 37 Page - List of Unclassifed Manufacturers

Part # IP113F
Description  Managed 10/100Base-TX / FX Media Converter
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

IP113F Datasheet(HTML) 37 Page - List of Unclassifed Manufacturers

Back Button IP113F Datasheet HTML 33Page - List of Unclassifed Manufacturers IP113F Datasheet HTML 34Page - List of Unclassifed Manufacturers IP113F Datasheet HTML 35Page - List of Unclassifed Manufacturers IP113F Datasheet HTML 36Page - List of Unclassifed Manufacturers IP113F Datasheet HTML 37Page - List of Unclassifed Manufacturers IP113F Datasheet HTML 38Page - List of Unclassifed Manufacturers IP113F Datasheet HTML 39Page - List of Unclassifed Manufacturers IP113F Datasheet HTML 40Page - List of Unclassifed Manufacturers IP113F Datasheet HTML 41Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 46 page
background image
IP113F
Preliminary Data Sheet
Extended MII registers and EEPROM registers (continued)
MII
ROM
NAME
R/W
DESCRIPTION
DEFAULT
Statistic counter registers (MII register 19D)
Statistic Counter [11:0]
Cnt_index Content of statistic counter[11:0]
3'b000
TP port (port1) received packet
count
3'b001
TP port (port1) received CRC error
count
3'b010
TP port (port1) drop packet count
3'b011
TP port (port1) collision event
count
3'b100
FX port (port2) received packet
count
3'b101
FX port (port2) received CRC error
count
3'b110
FX port (port2) drop packet count
19[11:0]
--
mg_statistic_cnt[11:0]
RO
3'b111
FX port (port2) collision event
count
0
19[14:12]
--
cnt_index[2:0]
RW
The current counter index
0
19.15
--
cnt_loop_en
RW
The counter index loop enable
1: Each time reading of this register (MII
register 19) will increase cnt_index[2:0] by
one. The content will be loop back to “0” after
reading if it is “7”.
0: cnt_index[2:0] is fixed to the setting value.
1
Confidential.
37/46
Aug. 20, 2003
Copyright © 2003, IC Plus Corp.
IP113F-DS-R02



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com