Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP113F Datasheet(PDF) 42 Page - List of Unclassifed Manufacturers

Part # IP113F
Description  Managed 10/100Base-TX / FX Media Converter
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

IP113F Datasheet(HTML) 42 Page - List of Unclassifed Manufacturers

Back Button IP113F Datasheet HTML 38Page - List of Unclassifed Manufacturers IP113F Datasheet HTML 39Page - List of Unclassifed Manufacturers IP113F Datasheet HTML 40Page - List of Unclassifed Manufacturers IP113F Datasheet HTML 41Page - List of Unclassifed Manufacturers IP113F Datasheet HTML 42Page - List of Unclassifed Manufacturers IP113F Datasheet HTML 43Page - List of Unclassifed Manufacturers IP113F Datasheet HTML 44Page - List of Unclassifed Manufacturers IP113F Datasheet HTML 45Page - List of Unclassifed Manufacturers IP113F Datasheet HTML 46Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 42 / 46 page
background image
IP113F
Preliminary Data Sheet
Extended MII registers and EEPROM registers (continued)
MII
ROM
NAME
R/W
DESCRIPTION
DEFAULT
Remote control Transmit register 1 (MII register 24D)
24.0
--
mg_rem_tx_code
R/W
Remote control frame send trigger
0
24.1
--
mg_rem_tx_code
R/W
Transmitted maintenance direction
discriminator C1
Frame direction
0: upstream
1: downstream
0
24[3:2]
--
mg_rem_tx_code
R/W
Transmitted maintenance frame command
discriminator C3~C2
01: request
11: acknowledge
10: Indication
00: reserved
00
24[11:4]
--
mg_rem_tx_code
R/W
Transmitted
maintenance
frame
control
signals C15~C8
bit11 (C15)
bit4 (C8)
0
0
0
0
0
0 01: Loop test start
0
0
0
0
0
0 00: Loop test finished
0
0
0
0
0
0 10: Status indication
A4 A3 A2 A1 A0 RW 11: IP113F R/W registers
RW: 0: read, 1: write
A[4:0]: register address
8’b0
24[15:12]
--
Reserved
MII
ROM
NAME
R/W
DESCRIPTION
DEFAULT
Remote control Transmit register 2 (MII register 25D)
25[15:0]
--
mg_rem_wt_data
R/W
Remote control write data
If a remote write command is issued, that is,
MII register 24[11:4] is programmed as
xxxxx111. The content in this register will be
embedded into S[15:0] and is sent to the
remote site. The partner IP113F receives the
frame
(register
write)
and
update
the
addressed MII register with the value defined
in this register
16’b0
Confidential.
42/46
Aug. 20, 2003
Copyright © 2003, IC Plus Corp.
IP113F-DS-R02



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com