Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP113F Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # IP113F
Description  Managed 10/100Base-TX / FX Media Converter
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

IP113F Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button IP113F Datasheet HTML 5Page - List of Unclassifed Manufacturers IP113F Datasheet HTML 6Page - List of Unclassifed Manufacturers IP113F Datasheet HTML 7Page - List of Unclassifed Manufacturers IP113F Datasheet HTML 8Page - List of Unclassifed Manufacturers IP113F Datasheet HTML 9Page - List of Unclassifed Manufacturers IP113F Datasheet HTML 10Page - List of Unclassifed Manufacturers IP113F Datasheet HTML 11Page - List of Unclassifed Manufacturers IP113F Datasheet HTML 12Page - List of Unclassifed Manufacturers IP113F Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 46 page
background image
IP113F
Preliminary Data Sheet
1.
PIN Description (continued)
Pin no.
Label
Type
Description
MC operation mode
21
LFP
IPL
Link fault pass through (LFP)
1: enable
Link status of one port is forwarded to the other port.
0: disable (default)
22
23
DIRECT_WIRE
FAST_FWD
IPL
DIRECT_
WIRE
FAST_F
WD
Function
0
0
Store and forward switch mode
(default)
0
1
Modified cut-through switch mode
1
0
Converter mode
1
1
Converter mode with
auto-change-forward function
Store and forward switch mode:
IP113F begins to forward a frame at the end of receiving a
frame completely.
Modified cut-through switch mode:
IP113F begins to forward a frame after the first 64 bytes
data received. TP port should be forced at 100M at this
mode.
Converter mode:
Incoming frames are not buffered in IP113F to achieve the
min latency. TP port should be forced at 100M at this
mode.
Converter mode with auto-change-forward function:
IP113F will change forward mode itself if it detects the
speed is different in TP port and FX port.
In converter mode, IP113F forwards IEEE802.3x pause
frame directly. In the other modes, IP113F doesn’t forward
IEEE802.3x pause frame directly, it sends out pause
frame when its internal buffer is full.
Confidential.
9/46
Aug. 20, 2003
Copyright © 2003, IC Plus Corp.
IP113F-DS-R02



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com