Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7FLCD1 Datasheet(PDF) 55 Page - STMicroelectronics

Part # ST7FLCD1
Description  8-bit MCU for LCD Monitors with 60 KBytes Flash,2 KBytes RAM, 2 DDC Ports and Infrared Controller
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7FLCD1 Datasheet(HTML) 55 Page - STMicroelectronics

Back Button ST7FLCD1_05 Datasheet HTML 51Page - STMicroelectronics ST7FLCD1_05 Datasheet HTML 52Page - STMicroelectronics ST7FLCD1_05 Datasheet HTML 53Page - STMicroelectronics ST7FLCD1_05 Datasheet HTML 54Page - STMicroelectronics ST7FLCD1_05 Datasheet HTML 55Page - STMicroelectronics ST7FLCD1_05 Datasheet HTML 56Page - STMicroelectronics ST7FLCD1_05 Datasheet HTML 57Page - STMicroelectronics ST7FLCD1_05 Datasheet HTML 58Page - STMicroelectronics ST7FLCD1_05 Datasheet HTML 59Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 95 page
background image
55/95
ST7FLCD1
I²C Single-Master Bus Interface
Error Case:
AF: Detection of a non-acknowledge bit. In this case, the EVF and AF bits are set by hardware with
an interrupt if the ITE bit is set. To resume, set the START or STOP bit.
Note:
The SCL line is not held low if AF = 1.
EV1:
EVF = 1, SB = 1, cleared by reading the SR register followed by writing to the DR register.
EV2:
EVF = 1, cleared by reading the SR register followed by writing to the CR register (for
example PE = 1).
EV2-1: EVF = 1, AF = 1, cleared by reading the SR register followed by writing STOP = 1 in the CR
register.
EV3:
EVF = 1, BTF = 1, cleared by reading the SR register followed by reading the DR register.
EV3-1: Same as EV3, but ACK bit in CR register must be cleared before reading the DR register in
order to send a NAK pulse after the “Data N” byte.
EV3-2: Same as EV3, but STOP = 1 must be written in the CR register.
EV4:
EVF = 1, BTF = 1, cleared by reading the SR register followed by writing to the DR register.
Figure 30: Transfer Sequencing
Figure 31: Event Flags and Interrupt Generation
Master Receiver:
Master Transmitter:
Slave Not Responding:
S
Address
A
Data1
A
Data2
A
.....
Data N-1
A
Data N
NA
P
EV1
EV2
EV3
EV3
EV3-1
EV3-2
S
Address
A
Data1
A
Data2
A
.....
DataN
A
P
EV1
EV2
EV4
EV4
EV4
EV4
S
Address
NA
P
EV1
EV2-1
Legend:
S = Start, P = Stop, A = Acknowledge,
NA = Non-acknowledge
EVx = Event (with interrupt if ITE = 1)
BTF
SB
AF
EVF
Interrupt
ITE
*
* EVF can also be set by EV6 or an error from the SR2 register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com