Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7FLCD1 Datasheet(PDF) 36 Page - STMicroelectronics

Part # ST7FLCD1
Description  8-bit MCU for LCD Monitors with 60 KBytes Flash,2 KBytes RAM, 2 DDC Ports and Infrared Controller
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7FLCD1 Datasheet(HTML) 36 Page - STMicroelectronics

Back Button ST7FLCD1_05 Datasheet HTML 32Page - STMicroelectronics ST7FLCD1_05 Datasheet HTML 33Page - STMicroelectronics ST7FLCD1_05 Datasheet HTML 34Page - STMicroelectronics ST7FLCD1_05 Datasheet HTML 35Page - STMicroelectronics ST7FLCD1_05 Datasheet HTML 36Page - STMicroelectronics ST7FLCD1_05 Datasheet HTML 37Page - STMicroelectronics ST7FLCD1_05 Datasheet HTML 38Page - STMicroelectronics ST7FLCD1_05 Datasheet HTML 39Page - STMicroelectronics ST7FLCD1_05 Datasheet HTML 40Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 95 page
background image
I/O Ports
ST7FLCD1
36/95
7.2
Common Functional Description
Each port pin of the I/O Ports can be individually configured as either an input or an output, under
software control.
Each bit of Data Direction Register (DDR) corresponds to an I/O pin of the associated port. This
corresponding bit must be set to configure its associated pin as an output and must be cleared to
configure its associated pin as an input (see Note1onpage35). The Data Direction Registers can
be read and written.
A typical I/O circuit is shown in Figure 16. Any write to an I/O port updates the port data register
even when configured as an input. Any read of an I/O port returns either the data latched in the port
data register (pins configured as output) or the value of the I/O pins (pins configured as an input).
Remark: When there is no I/O pin inside an I/O port, the returned value is logic 0 (pin configured as
an input).
At reset, all DDR registers are cleared, configuring all I/O ports as inputs. Data Registers (DR) are
also cleared at reset.
Input mode
When DDR = 0, the corresponding I/O is configured in Input mode.
In this case, the output buffer is switched off and the state of the I/O is readable through the Data
Register address, coming directly from the TTL Schmitt Trigger output and not from the Data
Register output.
Output mode
When DDR = 1, the corresponding I/O is configured in Output mode.
In this case, the output buffer is activated according to the Data Register content.
A read operation is directly performed from the Data Register output.
Analog input
Each I/O can be used as an analog input by adding an analog switch driven by the ADC. The I/O
must be configured as an input before using it as analog input.
When the analog channel is selected by the ADC, the analog value is directly driven to the ADC
through an analog switch.
Alternate mode
A signal coming from an on-chip peripheral is output on the I/O which is then automatically
configured in output mode.
The signal coming from the peripheral enables the alternate signal to be output. A signal coming
from an I/O can be input to an on-chip peripheral.
Table 10: I/O Pin Function
DDR
Mode
0
Input
1
Output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com