Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7FLCD1 Datasheet(PDF) 70 Page - STMicroelectronics

Part # ST7FLCD1
Description  8-bit MCU for LCD Monitors with 60 KBytes Flash,2 KBytes RAM, 2 DDC Ports and Infrared Controller
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7FLCD1 Datasheet(HTML) 70 Page - STMicroelectronics

Back Button ST7FLCD1_05 Datasheet HTML 66Page - STMicroelectronics ST7FLCD1_05 Datasheet HTML 67Page - STMicroelectronics ST7FLCD1_05 Datasheet HTML 68Page - STMicroelectronics ST7FLCD1_05 Datasheet HTML 69Page - STMicroelectronics ST7FLCD1_05 Datasheet HTML 70Page - STMicroelectronics ST7FLCD1_05 Datasheet HTML 71Page - STMicroelectronics ST7FLCD1_05 Datasheet HTML 72Page - STMicroelectronics ST7FLCD1_05 Datasheet HTML 73Page - STMicroelectronics ST7FLCD1_05 Datasheet HTML 74Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 95 page
background image
Display Data Channel Interfaces (DDC)
ST7FLCD1
70/95
Bit 5 = PE DDC/CI Peripheral enable.
This bit is set and cleared by software.
0
Peripheral disabled
1
Peripheral enabled
Note:
When PE = 0, all the bits of the CR, SR1 and SR2 registers are reset.
All outputs are released when PE = 0
When PE = 1, the corresponding I/O pins are selected by hardware as alternate functions.
To enable the I²C interface, write the CR register TWICE with PE = 1 as the first write only activates
the interface (only PE is set).
Bit 4 = DDCCIEN DDC/CI address detection enabled.
This bit is set and cleared by software. It is also cleared by hardware when the interface is disabled
(PE = 0). The 6Eh/6Fh DDC/CI address is acknowledged.
0
DDC/CI address detection disabled
1
DDC/CI address detection enabled
Bit 3 = Reserved. Forced to 0 by hardware.
Bit 2 = ACK Acknowledge enable.
This bit is set and cleared by software. It is also cleared by hardware when the interface is disabled
(PE = 0).
0
No acknowledge returned
1
Acknowledge returned after an address byte or a data byte is received
Bit 1 = STOP Release I²C bus.
This bit is set and cleared by software or when the interface is disabled (PE = 0).
Slave Mode:
0
Nothing
1
Release the SCL and SDA lines after the current byte transfer (BTF = 1). The STOP bit has to
be cleared by software.
Bit 0 = ITE Interrupt enable.
This bit is set and cleared by software and cleared by hardware when the interface is disabled (PE
= 0).
0
Interrupt disabled
1
Interrupt enabled
Refer to Figure 39 for the relationship between the events and the interrupt.
SCL is held low when the BTF or ADSL is detected.
DDC STATUS REGISTER 1 (DDCSR1)
Read Only
Reset Value: 0000 0000 (00h)
765
432
10
EVF
0
TRA
BUSY
BTF
ADSL
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com