Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7FLCD1 Datasheet(PDF) 88 Page - STMicroelectronics

Part # ST7FLCD1
Description  8-bit MCU for LCD Monitors with 60 KBytes Flash,2 KBytes RAM, 2 DDC Ports and Infrared Controller
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7FLCD1 Datasheet(HTML) 88 Page - STMicroelectronics

Back Button ST7FLCD1_05 Datasheet HTML 84Page - STMicroelectronics ST7FLCD1_05 Datasheet HTML 85Page - STMicroelectronics ST7FLCD1_05 Datasheet HTML 86Page - STMicroelectronics ST7FLCD1_05 Datasheet HTML 87Page - STMicroelectronics ST7FLCD1_05 Datasheet HTML 88Page - STMicroelectronics ST7FLCD1_05 Datasheet HTML 89Page - STMicroelectronics ST7FLCD1_05 Datasheet HTML 90Page - STMicroelectronics ST7FLCD1_05 Datasheet HTML 91Page - STMicroelectronics ST7FLCD1_05 Datasheet HTML 92Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 95 page
background image
Electrical Characteristics
ST7FLCD1
88/95
For most applications PI/O<PINT and may be neglected. PI/O may be significant if the device is
configured to drive Darlington bases or sink LED Loads. An approximate relationship between PD
and TJ (if PI/O is neglected) is given by:
PD = K÷ (TJ + 273°C) (2)
Therefore:
K = PD x (TA + 273°C) + θJA x PD
2 (3)
Where:
● K is a constant for the particular part, which may be determined from equation (3) by
measuring PD (at equilibrium) for a known TA. Using this value of K, the values of PD and TJ ay
be obtained by solving equations (1) and (2) iteratively for any value of TA.
17.3
Thermal Characteristics
17.4
AC/DC Electrical Characteristics
All voltages are referred to VSS and TA = 0 to +70°C (unless otherwise specified)
Table 33: Thermal Characteristics
Symbol
Package
Value
Unit
θJA
28-pin Small Outline Packqge (SO28)
69
°C/W
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
General
VDD
Operating Supply Voltage
4.5
5
5.5
V
Operating Voltage for FLASH access
READ
3.8
V
WRITE/ERASE
4.5
5.5
V
IDD
CPU RUN mode
I/O in input mode
VDD = 5V
fCPU = 8 MHz,
TA = 20
° C
14
18
mA
CPU WAIT mode
12
18
mA
CPU HALT mode
1
10
uA
Control Timing
fOSC
External frequency
24
27
MHz
fCPU
Internal frequency
8
9
MHz
tBU
Startup Time Built-Up Time
Crystal Resonator
8
20
ms
tRL
External RESET
Input pulse Width
1000
ns
tPORL
Internal Power Reset Duration
4096
tCPU
tPOWL
Watchdog RESET
Output Pulse Width
500
ns
tDOG
Watchdog Time-out
fCPU = 8 MHz
50000
6.25
3200000
400
tCPU
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com