Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7FLCD1 Datasheet(PDF) 69 Page - STMicroelectronics

Part # ST7FLCD1
Description  8-bit MCU for LCD Monitors with 60 KBytes Flash,2 KBytes RAM, 2 DDC Ports and Infrared Controller
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7FLCD1 Datasheet(HTML) 69 Page - STMicroelectronics

Back Button ST7FLCD1_05 Datasheet HTML 65Page - STMicroelectronics ST7FLCD1_05 Datasheet HTML 66Page - STMicroelectronics ST7FLCD1_05 Datasheet HTML 67Page - STMicroelectronics ST7FLCD1_05 Datasheet HTML 68Page - STMicroelectronics ST7FLCD1_05 Datasheet HTML 69Page - STMicroelectronics ST7FLCD1_05 Datasheet HTML 70Page - STMicroelectronics ST7FLCD1_05 Datasheet HTML 71Page - STMicroelectronics ST7FLCD1_05 Datasheet HTML 72Page - STMicroelectronics ST7FLCD1_05 Datasheet HTML 73Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 95 page
background image
69/95
ST7FLCD1
Display Data Channel Interfaces (DDC)
11.7
Register Description
DDC CONTROL REGISTER (DDCCR)
Read / Write
Reset Value: 0000 0000 (00h)
Bits [7:6] = Reserved. Forced to 0 by hardware.
Table 22: DDCA Register Map
Address Reset
Register
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
0020h
00h
R/W
DDCCRA
0
0
PE
DDCCIEN
0
ACK
STOP
ITE
0021h
00h
R
DDCSR1A
EVF
0
TRA
BUSY
BTF
ADSL
0
0
0022h
00h
R
DDCSR2A
0
0
0
AF
STOPF
0
BERR
DDCIF
0023h
00h
R/W DDCOAR1A
ADD[7:1]
0
0024h
00h
R/W DDCOAR2A
ADD[7:1]
0
0025h
00h
R/W
DDCDRA
DR[7:0]
0026h
00h
R/W
Reserved
0027h
00h
R/W DDCDCRA
0
0
ENDCF
ENDCE
EDF
EDE
WP
DDC2BPE
Table 23: DDCB Register Map
Address Reset
Register
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
0028h
00h
R/W
DDCCRB
0
0
PE
DDCCIEN
0
ACK
STOP
ITE
0029h
00h
R
DDCSR1B
EVF
0
TRA
BUSY
BTF
ADSL
0
0
002Ah
00h
R
DDCSR2B
0
0
0
AF
STOPF
0
BERR
DDCIF
002Bh
00h
R/W DDCOAR1B
ADD[7:1]
0
002Ch
00h
R/W DDCOAR2B
ADD[7:1]
0
002Dh
00h
R/W
DDCDRB
DR[7:0]
002Eh
00h
R/W
Reserved
002Fh
00h
R/W
DDCDCRB
0
0
ENDCF
ENDCE
EDF
EDE
WP
DDC2BPE
Table 24: EDID DMA Pointer Configuration
Cell
Basic EDID
Extended EDID
DDCA
600h to 67Fh
680h to 6FFh
DDCB
700h to 77Fh
780h to 7FFh
765
432
10
0
0
PE
DDCCIEN
0
ACK
STOP
ITE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com