Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7FLCD1 Datasheet(PDF) 56 Page - STMicroelectronics

Part # ST7FLCD1
Description  8-bit MCU for LCD Monitors with 60 KBytes Flash,2 KBytes RAM, 2 DDC Ports and Infrared Controller
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7FLCD1 Datasheet(HTML) 56 Page - STMicroelectronics

Back Button ST7FLCD1_05 Datasheet HTML 52Page - STMicroelectronics ST7FLCD1_05 Datasheet HTML 53Page - STMicroelectronics ST7FLCD1_05 Datasheet HTML 54Page - STMicroelectronics ST7FLCD1_05 Datasheet HTML 55Page - STMicroelectronics ST7FLCD1_05 Datasheet HTML 56Page - STMicroelectronics ST7FLCD1_05 Datasheet HTML 57Page - STMicroelectronics ST7FLCD1_05 Datasheet HTML 58Page - STMicroelectronics ST7FLCD1_05 Datasheet HTML 59Page - STMicroelectronics ST7FLCD1_05 Datasheet HTML 60Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 95 page
background image
I²C Single-Master Bus Interface
ST7FLCD1
56/95
10.6
Register Description
I²C CONTROL REGISTER (I2CCR)
Read / Write
Reset Value: 0000 0000 (00h)
Bits [7:6] = Reserved. Forced to 0 by hardware.
Bit 5 = PE Peripheral enable.
This bit is set and cleared by software.
0
Peripheral disabled
1
Master capability
Note:
When PE = 0, all the bits of the CR register and the SR register except the Stop bit are reset. All
outputs are released when PE = 0.
When PE = 1, the corresponding I/O pins are selected by hardware as alternate functions.
To enable the I²C interface, write the CR register TWICE with PE = 1 as the first write only activates
the interface (only PE is set).
Bit 4 = Reserved. Forced to 0 by hardware
Bit 3 = START Generation of a Start condition. This bit is set and cleared by software. It is also
cleared by hardware when the interface is disabled (PE = 0) or when the Start condition is sent (with
interrupt generation if ITE = 1).
In Master mode:
0
No start generation
1
Repeated start generation
In Idle mode:
0
No start generation
1
Start generation when the bus is free
Bit 2 = ACK Acknowledge enable.
This bit is set and cleared by software. Cleared by hardware when the interface is disabled (PE = 0).
0
No acknowledge returned
1
Acknowledge returned after an address byte or a data byte is received
Table 21: I²C Register Map
Addr.
(Hex.)
Reset
R/W
Register
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
001Ch
00h
R/W
I2CCR
00
PE
0
START
ACK
STOP
ITE
001Dh
00h
Read only
I2CSR
EVF
AF
TRA
0
BTF
0
M/IDL
SB
001Eh
00h
R/W
I2CCCR
FM/SM
FILTOFF
CC[5:0]
001Fh
00h
R/W
I2CDR
DR7[:0]
765
432
10
00
PE
0
START
ACK
STOP
ITE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com