Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7FLCD1 Datasheet(PDF) 42 Page - STMicroelectronics

Part # ST7FLCD1
Description  8-bit MCU for LCD Monitors with 60 KBytes Flash,2 KBytes RAM, 2 DDC Ports and Infrared Controller
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7FLCD1 Datasheet(HTML) 42 Page - STMicroelectronics

Back Button ST7FLCD1_05 Datasheet HTML 38Page - STMicroelectronics ST7FLCD1_05 Datasheet HTML 39Page - STMicroelectronics ST7FLCD1_05 Datasheet HTML 40Page - STMicroelectronics ST7FLCD1_05 Datasheet HTML 41Page - STMicroelectronics ST7FLCD1_05 Datasheet HTML 42Page - STMicroelectronics ST7FLCD1_05 Datasheet HTML 43Page - STMicroelectronics ST7FLCD1_05 Datasheet HTML 44Page - STMicroelectronics ST7FLCD1_05 Datasheet HTML 45Page - STMicroelectronics ST7FLCD1_05 Datasheet HTML 46Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 95 page
background image
I/O Ports
ST7FLCD1
42/95
7.7
Register Description
DATA REGISTERS (PXDR)
DATA DIRECTION REGISTERS (PXDDR)
(‘x’ corresponds to the I/O pin of the associated port. In Input mode, the value is 00h by default).I
Figure 22: Port D
Table 15: I/O Port Register Map
Address
Reset
Register
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
0002h
00h
R/W
PADR
PADR[7:0]
0003h
00h
R/W
PADDR
PADDR[7:0]
0004h
00h
R/W
PBDR
PBDR[7:0]
0005h
00h
R/W
PBDDR
PBDDR[7:0]
0006h
00h
R/W
PCDR
PCDR[7:0]
0007h
00h
R/W
PCDDR
PCDDR[7:0]
0008h
00h
R/W
PDDR
PDDR[7:0]
0009h
00h
R/W
PDDDR
PDDDR[7:0]
DR SEL
DDR SEL
1
0
TTL Schmitt Trigger
DR
DDR
Latch
Latch
VSS
Alternate Input
Alternate Output Enable
Alternate
1
0
output
Alternate Output Enable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com