Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7FLCD1 Datasheet(PDF) 71 Page - STMicroelectronics

Part # ST7FLCD1
Description  8-bit MCU for LCD Monitors with 60 KBytes Flash,2 KBytes RAM, 2 DDC Ports and Infrared Controller
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7FLCD1 Datasheet(HTML) 71 Page - STMicroelectronics

Back Button ST7FLCD1_05 Datasheet HTML 67Page - STMicroelectronics ST7FLCD1_05 Datasheet HTML 68Page - STMicroelectronics ST7FLCD1_05 Datasheet HTML 69Page - STMicroelectronics ST7FLCD1_05 Datasheet HTML 70Page - STMicroelectronics ST7FLCD1_05 Datasheet HTML 71Page - STMicroelectronics ST7FLCD1_05 Datasheet HTML 72Page - STMicroelectronics ST7FLCD1_05 Datasheet HTML 73Page - STMicroelectronics ST7FLCD1_05 Datasheet HTML 74Page - STMicroelectronics ST7FLCD1_05 Datasheet HTML 75Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 95 page
background image
71/95
ST7FLCD1
Display Data Channel Interfaces (DDC)
Bit 7 = EVF Event flag.
This bit is set by hardware as soon as an event occurs. It is cleared by software by reading the SR2
register in case of an error event or as described in Figure 39. It is also cleared by hardware when
the interface is disabled (PE = 0).
0
No event
1
One of the following events has occurred:
BTF = 1 (Byte received or transmitted)
ADSL = 1 (Either address matched in Slave mode when ACK = 1)
AF = 1 (No acknowledge received after byte transmission if ACK = 1)
STOPF = 1 (Stop condition detected in Slave mode)
BERR = 1 (Bus error, misplaced Start or Stop condition detected)
Bit 6 = Reserved. Forced to 0 by hardware.
Bit 5 = TRA Transmitter/Receiver.
When BTF is set, TRA = 1 if a data byte has been transmitted. It is cleared automatically when BTF
is cleared. It is also cleared by hardware after a Stop condition (STOPF = 1) is detected or when the
interface is disabled (PE = 0).
0
Data byte received (if BTF = 1)
1
Data byte transmitted
Bit 4 = BUSY Bus busy.
This bit is set by hardware on detection of a Start condition and cleared by hardware when a Stop
condition is detected. It indicates that a communication is in progress on the bus. This information is
still updated when the interface is disabled (PE = 0).
0
No communication on the bus
1
Communication ongoing on the bus
Bit 3 = BTF Byte transfer finished.
This bit is set by hardware as soon as a byte is correctly received or transmitted with interrupt
generation if ITE = 1. It is cleared by software by reading the SR1 register followed by a read or a
write to the DR register. It is also cleared by hardware when the interface is disabled (PE = 0).
Following a byte transmission, this bit is set after reception of the acknowledge clock pulse BTF is
cleared by reading the SR1 register followed by writing the next byte in the DR register.
Following a byte reception, this bit is set after transmission of the acknowledge clock pulse if ACK
= 1. BTF is cleared by reading SR1 register followed by reading the byte from DR register.
The SCL line is held low when BTF = 1.
0
Byte transfer not completed
1
Byte transfer succeeded
Bit 2 = ADSL Address matched (Slave mode). This bit is set by hardware as soon as the received
slave address matched with the OARx registers content or the DDC/CI address is recognized. An
interrupt is generated if ITE = 1. It is cleared by software by reading the SR1 register or by hardware
when the interface is disabled (PE = 0).
The SCL line is held low when ADSL = 1.
0
Address mismatched or not received
1
Received address matched
Bits [1:0] = Reserved. Forced to 0 by hardware.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com