Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7FLCD1 Datasheet(PDF) 64 Page - STMicroelectronics

Part # ST7FLCD1
Description  8-bit MCU for LCD Monitors with 60 KBytes Flash,2 KBytes RAM, 2 DDC Ports and Infrared Controller
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7FLCD1 Datasheet(HTML) 64 Page - STMicroelectronics

Back Button ST7FLCD1_05 Datasheet HTML 60Page - STMicroelectronics ST7FLCD1_05 Datasheet HTML 61Page - STMicroelectronics ST7FLCD1_05 Datasheet HTML 62Page - STMicroelectronics ST7FLCD1_05 Datasheet HTML 63Page - STMicroelectronics ST7FLCD1_05 Datasheet HTML 64Page - STMicroelectronics ST7FLCD1_05 Datasheet HTML 65Page - STMicroelectronics ST7FLCD1_05 Datasheet HTML 66Page - STMicroelectronics ST7FLCD1_05 Datasheet HTML 67Page - STMicroelectronics ST7FLCD1_05 Datasheet HTML 68Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 95 page
background image
Display Data Channel Interfaces (DDC)
ST7FLCD1
64/95
It defines the 256-byte block within the RAM address space containing the data structure. The LSB
is loaded with the data address sent by the master after a write Device Address. It defines the byte
within the data structure currently addressed. It is reset upon entry into the DDC2B mode.
Write Operation
Once the DDC2B Interface has acknowledged a write transfer request, i.e. a Device Address with
RW = 0, it waits for a data address. When the latter is received, it is acknowledged and loaded into
the LSB.
Then, the master may send any number of data bytes that are all acknowledged by the DDC2B
Interface. The data bytes are written in RAM if the WP bit = 0 in the DCR register, otherwise the
RAM location is not modified.
Write operations are always performed in RAM and therefore do not delay DDC transfers.
Meanwhile, concurrent software execution is halted for 2 clock cycles.
Read Operations
All read operations consist of retrieving the data pointed to by an internal address counter which is
initialized by a dummy write and which increments with any read. The DDC2B Interface always
waits for an acknowledge during the 9th bit-time. If the master does not pull the SDA line low during
this bit-time, the DDC2B Interface ends the transfer and switches to a stand-by state.
Current address read: After generating a START condition the master sends a read device
address (RW = 1). The DDC2B Interface acknowledges this and outputs the data byte pointed to by
the internal address pointer which subsequently increments. The master must NOT acknowledge
this byte and must terminate the transfer with a STOP condition.
Figure 36: Mapping of DDC2B Data Structure
Figure 37: Write Sequence
MSB
LSB
0
7
8
15
Addr Pointer
0000h
FFFFh
128-byte Data
Structure
0000h
FFFFh
128-byte Data
Structure
A0h/A1h
A0h/A1h
Extended EDID v1 (if present)
Basic EDID v1
LSB :
80h -> FFh
LSB :
00h -> 7Fh
in RAM
Note: Refer to Table 23 for RAM address mapping.
Data Address
Data IN 1
Data IN 2
Data IN n
DEV ADDR
SDA
XXXXh
ADDR
ADDR + n -1
Addr.
Pointer
ADDR + 1
ADDR + n



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com