Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7FLCD1 Datasheet(PDF) 85 Page - STMicroelectronics

Part # ST7FLCD1
Description  8-bit MCU for LCD Monitors with 60 KBytes Flash,2 KBytes RAM, 2 DDC Ports and Infrared Controller
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7FLCD1 Datasheet(HTML) 85 Page - STMicroelectronics

Back Button ST7FLCD1_05 Datasheet HTML 81Page - STMicroelectronics ST7FLCD1_05 Datasheet HTML 82Page - STMicroelectronics ST7FLCD1_05 Datasheet HTML 83Page - STMicroelectronics ST7FLCD1_05 Datasheet HTML 84Page - STMicroelectronics ST7FLCD1_05 Datasheet HTML 85Page - STMicroelectronics ST7FLCD1_05 Datasheet HTML 86Page - STMicroelectronics ST7FLCD1_05 Datasheet HTML 87Page - STMicroelectronics ST7FLCD1_05 Datasheet HTML 88Page - STMicroelectronics ST7FLCD1_05 Datasheet HTML 89Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 95 page
background image
85/95
ST7FLCD1
Registers
16
Registers
16.1
Register Description
NAME REGISTER (NAMER)
Read only
Reset value: 00h
Bits [7:0] = N[7:0]Circuit Name
This register indicates the version number of the circuit. The current value is 01h.
765
432
10
N[7:0]
Table 31: ST7FLCD1 Register Summary (Sheet 1 of 2)
Address Reset
Register
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
0000h
00h
R
NAMER
0001h
00h
R/W
MISCR
0
0
0
0
0
PA5OVD
PA4OVD
0
0002h
00h
R/W
PADR
PADR[7:0]
0003h
00h
R/W
PADDR
PADDR[7:0]
0004h
00h
R/W
PBDR
PBDR[7:0]
0005h
00h
R/W
PBDDR
PBDDR[7:0]
0006h
00h
R/W
PCDR
PCDR[7:0]
0007h
00h
R/W
PCDDR
PCDDR[7:0]
0008h
00h
R/W
PDDR
PDDR[7:0]
0009h
00h
R/W
PDDDR
PDDDR[7:0]
000Ah
00h
R
ADCDR
AD[7:0]
000Bh
00h
R/W
ADCCSR
COCO
0
ADON
0
0
0
CH[1:0]
000Ch
00h
R/W
ITRFRE
0
0
ITB
EDGE
ITBLAT
ITBITE
ITA
EDGE
ITALAT
ITAITE
000Dh
00h
R/W
TIMCSRA
TB1
TB0
OVF
OVFE
TAR
BUZ1
BUZ0
BUZE
000Eh
00h
R/W
TIMCPRA
PR7
PR6
PR5
PR4
PR3
PR2
PR1
PR0
000Fh
00h
R/W
PWMDCR0
DCR0[7:0]
0010h
00h
R/W
PWMDCR1
DCR1[7:0]
0011h
00h
R/W
PWMDCR2
DCR2[7:0]
0012h
00h
R/W
PWMDCR3
DCR3[7:0]
0013h
00h
R/W
PWMCRA
OE3
OE2
OE1
OE0
OP3
OP2
OP1
OP0
0014h
FFh
R/W
PWMARRA
ARRA[7:0]
0015h
00h
R/W
PWMDCR4
DCR4[7:0]
0016h
00h
R/W
PWMDCR5
DCR5[7:0]
0017h
00h
R/W
PWMCRB
0
0
OE5
OE4
0
0
OP5
OP4
0018h
FFh
R/W
PWMARRB
ARRB[7:0]
0019h
00h
R/W
FCSR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com