Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7FLCD1 Datasheet(PDF) 73 Page - STMicroelectronics

Part # ST7FLCD1
Description  8-bit MCU for LCD Monitors with 60 KBytes Flash,2 KBytes RAM, 2 DDC Ports and Infrared Controller
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7FLCD1 Datasheet(HTML) 73 Page - STMicroelectronics

Back Button ST7FLCD1_05 Datasheet HTML 69Page - STMicroelectronics ST7FLCD1_05 Datasheet HTML 70Page - STMicroelectronics ST7FLCD1_05 Datasheet HTML 71Page - STMicroelectronics ST7FLCD1_05 Datasheet HTML 72Page - STMicroelectronics ST7FLCD1_05 Datasheet HTML 73Page - STMicroelectronics ST7FLCD1_05 Datasheet HTML 74Page - STMicroelectronics ST7FLCD1_05 Datasheet HTML 75Page - STMicroelectronics ST7FLCD1_05 Datasheet HTML 76Page - STMicroelectronics ST7FLCD1_05 Datasheet HTML 77Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 95 page
background image
73/95
ST7FLCD1
Display Data Channel Interfaces (DDC)
Bits [7:0] = D[7:0] 8-bit Data Register.
These bits contain the byte to be received or transmitted on the bus.
Transmitter mode: Bytes are automatically transmitted when the software writes to the DR
register.
Receiver mode: The first data byte is automatically received in the DR register using the least
significant bit of the address. Then, the next data bytes are received one by one after reading the
DR register.
DDC OWN ADDRESS REGISTER 1 (DDCOAR1)
Read / Write
Reset Value: 0000 0000 (00h)
Bits [7:1] = ADD[7:1] Interface address.
These bits define the I²C bus programmable address of the interface. They are not cleared when
the interface is disabled (PE = 0).
Bit 0 = Reserved. Forced to 0 by hardware.
DDC OWN ADDRESS REGISTER 2 (DDCOAR2)
Read / Write
Reset Value: 0000 0000 (00h)
Bits [7:1] = ADD[7:1] Interface address.
These bits define the I²C bus programmable address of the interface. They are not cleared when
the interface is disabled (PE = 0).
Bit 0 = Reserved. Forced to 0 by hardware.
DDC2B CONTROL REGISTER (DDCDCR)
Read / Write
Reset Value: 0000 0000 (00h)
Bits [7:6] = Reserved. Forced by hardware to 0.
Bit 5 = ENDCF End of Communication interrupt Flag.
This bit is set by hardware. An interrupt is generated if ENDCE = 1. It must be cleared by software.
0
NACK or STOP condition not met in Read mode.
765
432
10
ADD7
ADD6
ADD5
ADD4
ADD3
ADD2
ADD1
0
765
432
10
ADD7
ADD6
ADD5
ADD4
ADD3
ADD2
ADD1
0
765
432
10
0
0
ENDCF
ENDCE
EDF
EDE
WP
DDC2BPE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com