Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7FLCD1 Datasheet(PDF) 94 Page - STMicroelectronics

Part # ST7FLCD1
Description  8-bit MCU for LCD Monitors with 60 KBytes Flash,2 KBytes RAM, 2 DDC Ports and Infrared Controller
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7FLCD1 Datasheet(HTML) 94 Page - STMicroelectronics

Back Button ST7FLCD1_05 Datasheet HTML 87Page - STMicroelectronics ST7FLCD1_05 Datasheet HTML 88Page - STMicroelectronics ST7FLCD1_05 Datasheet HTML 89Page - STMicroelectronics ST7FLCD1_05 Datasheet HTML 90Page - STMicroelectronics ST7FLCD1_05 Datasheet HTML 91Page - STMicroelectronics ST7FLCD1_05 Datasheet HTML 92Page - STMicroelectronics ST7FLCD1_05 Datasheet HTML 93Page - STMicroelectronics ST7FLCD1_05 Datasheet HTML 94Page - STMicroelectronics ST7FLCD1_05 Datasheet HTML 95Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 94 / 95 page
background image
Revision History
ST7FLCD1
94/95
19
Revision History
Table 34: Summary of Modifications
Date
Version
Description
May 2002
2.1
Addition of Section 5.5: In-Circuit Programming (ICP) and Section 5.6: In-Application
Programming (IAP).
19 Aug 2002
2.2
Update of Chapter numbering system. Update of Figure 2: 28-pin Small Outline Package
(SO28) Pinout, Figure 12: Typical ICP Interface, Pin 14 becomes PA6/ITA/EXTRIG. Addition of
MISCR register (0001h) and update of DDC2B Control Register data. Lock-up Counter info
added in Section 12: Watchdog Timer (WDG). Buzzer output info added in Section 13: 8-bit
Timer (TIMA). Modification of oscillator frequency from 24 MHz to maximum of 27 MHz, Fast I²C
mode up to 800 kHz (for certain applications), Section 8: PWM Generator, Section 10.5:
Transfer Sequencing and Section 11.6: Transfer Sequencing. Addition of Section 17: Electrical
Characteristics and Section 19: Revision History.
24 Sept 2002
2.3
Modification of Figure 4: Program Memory Map.
14 Oct 2002
2.4
Modification of Figure 4: Program Memory Map and Table 34: Summary of Modifications.
4 Dec 2002
2.5
Modification of I²C Clock Control register.
6 Feb 2003
2.6
Change of VTRH and VTRL values in Section 17.4: AC/DC Electrical Characteristics.
11 Feb 2003
2.7
Addition of Section 1.5: External Connections. Update of DDC2B Control Register (Bit 3)
information in Section 11.7: Register Description. Change of VDD values in Section 17.4: AC/DC
Electrical Characteristics.
2 Sept 2003
2.8
Modification of values in Section 17.4: AC/DC Electrical Characteristics, Section 17.5: Power
On/Off Electrical Specifications and Section 17.6: 8-bit Analog-to-Digital Converter.
13 April 2004
2.9
Addition of VOH row in Standard I/O Port Pins on page 89. Addition of Note 1 on page 9.
9 Feb 2005
2.10
Update of Section 6.1.2: Crystal Oscillator Mode on page 32.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com