Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7FLCD1 Datasheet(PDF) 32 Page - STMicroelectronics

Part # ST7FLCD1
Description  8-bit MCU for LCD Monitors with 60 KBytes Flash,2 KBytes RAM, 2 DDC Ports and Infrared Controller
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7FLCD1 Datasheet(HTML) 32 Page - STMicroelectronics

Back Button ST7FLCD1_05 Datasheet HTML 28Page - STMicroelectronics ST7FLCD1_05 Datasheet HTML 29Page - STMicroelectronics ST7FLCD1_05 Datasheet HTML 30Page - STMicroelectronics ST7FLCD1_05 Datasheet HTML 31Page - STMicroelectronics ST7FLCD1_05 Datasheet HTML 32Page - STMicroelectronics ST7FLCD1_05 Datasheet HTML 33Page - STMicroelectronics ST7FLCD1_05 Datasheet HTML 34Page - STMicroelectronics ST7FLCD1_05 Datasheet HTML 35Page - STMicroelectronics ST7FLCD1_05 Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 95 page
background image
Clocks & Low Power Modes
ST7FLCD1
32/95
6
Clocks & Low Power Modes
6.1
Clock System
6.1.1
General Description
The device requires a certain number of clock signals in order to operate. All clock signals are
derived from the root clock signal CkXT provided at the output of the "OSC" circuit (refer to
Figure 13). If a crystal oscillator or ceramic resonator is applied on pins OSCIN and OSCOUT, the
OSC operates in a crystal-controlled oscillator mode. An external clock signal can also be applied
on the OSCIN pin, putting the OSC in external clock mode operation.
The block diagram in Figure 13 shows the basic configuration of the clock system.
6.1.2
Crystal Oscillator Mode
In this mode, the root clock is generated by the on-chip oscillator controlled by an external parallel
fundamental-mode crystal oscillator or a ceramic resonator. General design precautions must be
followed to ensure maximum stability. Foot capacitors CL1 and CL2 must be adapted to match the
crystal oscillator or ceramic resonator. A 100-k
Ω resistor is internally connected between pins
OSCIN and OSCOUT.
Note:
If a Murata ceramic resonator is to be used, Murata recommends their CERALOCK® CSTCG-
series (fundamental type) with built-in CL1 and CL2 capacitors, such as:
- CSTCG24M0V51-R0 for 24-MHz external, 8-MHz internal clock operation
- CSTCG27M0V51-R0 for 27-MHz external, 9-MHz internal clock operation
No additional external capacitor is therefore needed with either model of this series.
6.1.3
External Clock Mode
In this mode, an external clock is provided on pin OSCIN, while pin OSCOUT is left open. The
signal is internally buffered before feeding the subsequent stages. There is the same emphasis on
stability of the external clock as in Crystal Oscillator mode.
Figure 13: Main Clock Generation
OSC
CkXT
OSC
CkXT
External
Clock
Crystal Oscillator Mode
External Clock Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com