Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M58LR128KB Datasheet(PDF) 105 Page - Numonyx B.V

Part # M58LR128KB
Description  128 or 256 Mbit (횞16, multiple bank, multilevel interface, burst) 1.8 V supply Flash memories
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

M58LR128KB Datasheet(HTML) 105 Page - Numonyx B.V

Back Button M58LR128KB Datasheet HTML 101Page - Numonyx B.V M58LR128KB Datasheet HTML 102Page - Numonyx B.V M58LR128KB Datasheet HTML 103Page - Numonyx B.V M58LR128KB Datasheet HTML 104Page - Numonyx B.V M58LR128KB Datasheet HTML 105Page - Numonyx B.V M58LR128KB Datasheet HTML 106Page - Numonyx B.V M58LR128KB Datasheet HTML 107Page - Numonyx B.V M58LR128KB Datasheet HTML 108Page - Numonyx B.V M58LR128KB Datasheet HTML 109Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 105 / 110 page
background image
M58LR128KT, M58LR128KB, M58LR256KT, M58LR256KB
Command interface state tables
105/111
Table 54.
Command interface states - lock table, next state(1)
Current CI State
Command Input
Lock/CR Setup(2)
(60h)
OTP
Setup(2)
(C0h)
Block
Lock
Confirm
(01h)
Block
Lock-
Down
Confirm
(2Fh)
Set CR
Confirm
(03h)
Block
Address
(WA0)(3)
(XXXXh)
Illegal
Command(4)
P/E C
operation
completed
(5)
Ready
Lock/CR Setup
OTP Setup
Ready
N/A
Lock/CR Setup
Ready (Lock error)
Ready
Ready (Lock error)
N/A
OTP
Setup
OTP Busy
N/A
Busy
IS in OTP Busy
OTP Busy
Ready
IS in OTP
busy
OTP Busy
IS Ready
Program
Setup
Program Busy
N/A
Busy
IS in Program Busy
Program Busy
Ready
IS in Program
busy
Program busy
IS Ready
Suspend
IS in PS
Program Suspend
N/A
IS in PS
Program Suspend
Buffer
Program
Setup
Buffer Program Load 1 (give word count load (N-1));
N/A
Buffer Load 1
Buffer Program Load 2(6)
Exit
see note (6)
N/A
Buffer Load 2
Buffer Program Confirm when count =0; Else Buffer Program Load 2 (note: Buffer Program will fail at
this point if any block address is different from the first address)
N/A
Confirm
Ready (error)
N/A
Busy
IS in BP Busy
Buffer Program Busy
Ready
IS in Buffer
Program
busy
Buffer Program Busy
IS Ready
Suspend
IS in BP Suspend
Buffer Program Suspend
N/A
IS in BP
Suspend
Buffer Program Suspend
Erase
Setup
Ready (error)
N/A
Busy
IS in Erase Busy
Erase Busy
Ready
IS in Erase
busy
Erase Busy
IS ready
Suspend
Lock/CR Setup in
ES
IS in ES
Erase Suspend
N/A
IS in ES
Erase Suspend



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com