Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M58LR128KB Datasheet(PDF) 109 Page - Numonyx B.V

Part # M58LR128KB
Description  128 or 256 Mbit (횞16, multiple bank, multilevel interface, burst) 1.8 V supply Flash memories
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

M58LR128KB Datasheet(HTML) 109 Page - Numonyx B.V

Back Button M58LR128KB Datasheet HTML 102Page - Numonyx B.V M58LR128KB Datasheet HTML 103Page - Numonyx B.V M58LR128KB Datasheet HTML 104Page - Numonyx B.V M58LR128KB Datasheet HTML 105Page - Numonyx B.V M58LR128KB Datasheet HTML 106Page - Numonyx B.V M58LR128KB Datasheet HTML 107Page - Numonyx B.V M58LR128KB Datasheet HTML 108Page - Numonyx B.V M58LR128KB Datasheet HTML 109Page - Numonyx B.V M58LR128KB Datasheet HTML 110Page - Numonyx B.V  
Zoom Inzoom in Zoom Outzoom out
 109 / 110 page
background image
M58LR128KT, M58LR128KB, M58LR256KT, M58LR256KB
Revision history
109/111
14
Revision history
Table 56.
Document revision history
Date
Revision
Changes
23-Mar-2007
1
Initial release.
06-Dec-2007
2
In Table 18: Program/erase times and endurance cycles, changed
the suspend latency program and erase values to 5, 10 and 5, 20
respectively, to 20 and 25 for both.
In Table 19: Absolute maximum ratings, changed the VIO maximum
value from 3.8 to VDDQ + 0.6 V.
In Table 22: DC characteristics - currents:
– Added the 256 Mbit values for IDD2, IDD3, and IDD7.
–For IDD5, changed the supply current (both program and erase)
VPPH values to 10 and 30, and changed the VDD and values to 20
and 35, respectively.
–For IDD6, changed the “asynchronous read in another bank” values
to 33 and 50, respectively; changed the “synchronous read in
another bank” values to 50 and 67, respectively.
In Table 28: Reset and power-up AC characteristics, changed the
tVDHPH value from 250 to 300.
27-Mar-2008
3
Applied Numonyx branding.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com