Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2-RK Datasheet(PDF) 18 Page - TEKTRONIX, INC.

Part # 2-RK
Description  2 Series MSO Mixed Signal Oscilloscope Datasheet
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEKTRONIX [TEKTRONIX, INC.]
Direct Link  https://www.tek.com/
Logo TEKTRONIX - TEKTRONIX, INC.

2-RK Datasheet(HTML) 18 Page - TEKTRONIX, INC.

Back Button 2-RK Datasheet HTML 14Page - TEKTRONIX, INC. 2-RK Datasheet HTML 15Page - TEKTRONIX, INC. 2-RK Datasheet HTML 16Page - TEKTRONIX, INC. 2-RK Datasheet HTML 17Page - TEKTRONIX, INC. 2-RK Datasheet HTML 18Page - TEKTRONIX, INC. 2-RK Datasheet HTML 19Page - TEKTRONIX, INC. 2-RK Datasheet HTML 20Page - TEKTRONIX, INC. 2-RK Datasheet HTML 21Page - TEKTRONIX, INC. 2-RK Datasheet HTML 22Page - TEKTRONIX, INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 30 page
background image
Reference levels
User-definable reference levels for automatic measurements can be specified in either percent or units.
Reference levels can be set to global for all measurements, per source channel or signal, or unique for each
measurement
Gating
Screen, cursors, logic, search, or time. specifies the region of an acquisition in which to take measurements.
Gating can be set to global (affects all measurements set to global) or local (all measurements can have a
unique time gate setting; only one local gate is available for screen, cursors, logic, and search actions).
Waveform math
Arithmetic
Add, subtract, multiply, and divide
Math Functions
Integrate, differentiate, log 10, log e, square root, exponential, and abs
Relational
Boolean result of comparison >, <, ≥, ≤, =, and ≠
Logic
AND, OR, NAND, NOR, XOR, and EQV
FFT
Spectral magnitude and phase, and real and imaginary spectra
FFT units
Magnitude: linear and log (dBm)
Phase: degrees, radians, and group delay
FFT window functions
Hanning, rectangular, hamming, blackman-harris, flattop2, gaussian, kaiser-bessel, and tekexp
Search
Search Types
Search through long records to find all occurrences of user specified criteria including edges, pulse widths,
timeouts, runt pulses, logic patterns, setup & hold violations, rise/fall times, and bus protocol events.
Search results
Waveform view, results table.
Arbitrary function generator
Number of channels
1 (Multiplexed with Aux Out)
Operating modes
Continuous, burst
Waveforms
Sine, square, pulse, ramp, triangle, dc, noise, sin(x)/x(sinc), gaussian, lorentz, exponential rise, exponential
decay, haversine, cardiac, and arbitrary
Amplitude and frequency range Signal type
Amplitude range 50 Ω
Amplitude range 1 MΩ
Frequency range
Sine
10 mV to 2.5 V
20 mV to 5 V
0.1 Hz to 50 MHz
Table continued…
2 Series MSO Datasheet
www.tek.com 18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com