Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2-RK Datasheet(PDF) 19 Page - TEKTRONIX, INC.

Part # 2-RK
Description  2 Series MSO Mixed Signal Oscilloscope Datasheet
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEKTRONIX [TEKTRONIX, INC.]
Direct Link  https://www.tek.com/
Logo TEKTRONIX - TEKTRONIX, INC.

2-RK Datasheet(HTML) 19 Page - TEKTRONIX, INC.

Back Button 2-RK Datasheet HTML 15Page - TEKTRONIX, INC. 2-RK Datasheet HTML 16Page - TEKTRONIX, INC. 2-RK Datasheet HTML 17Page - TEKTRONIX, INC. 2-RK Datasheet HTML 18Page - TEKTRONIX, INC. 2-RK Datasheet HTML 19Page - TEKTRONIX, INC. 2-RK Datasheet HTML 20Page - TEKTRONIX, INC. 2-RK Datasheet HTML 21Page - TEKTRONIX, INC. 2-RK Datasheet HTML 22Page - TEKTRONIX, INC. 2-RK Datasheet HTML 23Page - TEKTRONIX, INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 30 page
background image
Signal type
Amplitude range 50 Ω
Amplitude range 1 MΩ
Frequency range
Square
10 mV to 2.5 V
20 mV to 5 V
0.1 Hz to 20 MHz
Pulse
10 mV to 2.5 V
20 mV to 5 V
0.1 Hz to 20 MHz
Ramp
10 mV to 2.5 V
20 mV to 5 V
0.1 Hz to 500 KHz
DC Level
20 mV to 5V
Gaussian
10 mV to 1.25 V
20 mV to 2.5 V
0.1 Hz to 5 MHz
Lorentz
10 mV to 1.2 V
20 mV to 2.4 V
0.1 Hz to 5 MHz
Haversine
10 mV to 1.25 V
20 mV to 2.5 V
0.1 Hz to 5 MHz
Exponential
10 mV to 1.25 V
20 mV to 2.5 V
0.1 Hz to 5 MHz
Sin(X)/X
10 mV to 1.5 V
20 mV to 3 V
0.1 Hz to 2 MHz
Random noise
10 mV to 2.5 V
20 mV to 5 V
Cardiac
10 mV to 2.5 V
20 mV to 5 V
0.1 Hz to 500 KHz
Arbitrary
10 mV to 2.5 V
20 mV to 5 V
0.1 Hz to 25 MHz
DC offset
DC offset range
±2.5 V into Hi-Z, ±1.25 V into 50 Ω
DC offset resolution
1 mV into Hi-Z, 500 uV into 50 Ω
DC offset accuracy2
±[(1.5% of absolute offset voltage setting) + 1 mV]
Digital pattern generator
Number of channels
4
Pattern memory length
2 K bits
Output amplitude
2.5 V, 3.3 V, 5 V, and Hi-Z
Bit Rate
Up to 25 Mbps
Digital voltmeter and frequency counter3
Source
Ch1, Ch2, Ch3, Ch4
Measurement types
ACrms, DCrms, and AC+DCrms
Resolution
Voltage: 4 digits
Frequency: 5 digits
Vertical settings auto range
Automatic adjustment of vertical settings to maximize measurement dynamic range
2 Series MSO Datasheet
www.tek.com 19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com