Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2-RK Datasheet(PDF) 28 Page - TEKTRONIX, INC.

Part # 2-RK
Description  2 Series MSO Mixed Signal Oscilloscope Datasheet
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEKTRONIX [TEKTRONIX, INC.]
Direct Link  https://www.tek.com/
Logo TEKTRONIX - TEKTRONIX, INC.

2-RK Datasheet(HTML) 28 Page - TEKTRONIX, INC.

Back Button 2-RK Datasheet HTML 22Page - TEKTRONIX, INC. 2-RK Datasheet HTML 23Page - TEKTRONIX, INC. 2-RK Datasheet HTML 24Page - TEKTRONIX, INC. 2-RK Datasheet HTML 25Page - TEKTRONIX, INC. 2-RK Datasheet HTML 26Page - TEKTRONIX, INC. 2-RK Datasheet HTML 27Page - TEKTRONIX, INC. 2-RK Datasheet HTML 28Page - TEKTRONIX, INC. 2-RK Datasheet HTML 29Page - TEKTRONIX, INC. 2-RK Datasheet HTML 30Page - TEKTRONIX, INC.  
Zoom Inzoom in Zoom Outzoom out
 28 / 30 page
background image
Supported model
Bandwidth option
Bandwidth before upgrade
Bandwidth after upgrade
MSO22
SUP2-BW70T100-2
70 MHz
100 MHz
SUP2-BW70T200-2
70 MHz
200 MHz
SUP2-BW70T350-2
70 MHz
350 MHz
SUP2-BW70T500-2
70 MHz
500 MHz
SUP2-BW100T200-2
100 MHz
200 MHz
SUP2-BW100T350-2
100 MHz
350 MHz
SUP2-BW100T500-2
100 MHz
500 MHz
SUP2-BW200T350-2
200 MHz
350 MHz
SUP2-BW200T500-2
200 MHz
500 MHz
MSO24
SUP2-BW70T100-4
70 MHz
100 MHz
SUP2-BW70T200-4
70 MHz
200 MHz
SUP2-BW70T350-4
70 MHz
350 MHz
SUP2-BW70T500-4
70 MHz
500 MHz
SUP2-BW100T200-4
100 MHz
200 MHz
SUP2-BW100T350-4
100 MHz
350 MHz
SUP2-BW100T500-4
100 MHz
500 MHz
SUP2-BW200T350-4
200 MHz
350 MHz
SUP2-BW200T500-4
200 MHz
500 MHz
Instrument functionality upgrade with one of the option bundles
Option bundles with different levels of functionality are being offered to suit different application needs.
Feature
Description
2-SOURCE
AFG (Arbitrary Function Generator) and DPG (Digital Pattern Generator)
2-SERIAL
I2C, SPI, UART, CAN, CAN-FD, SENT, LIN serial trigger and analysis
2-ULTIMATE
2-SOURCE, 2-SERIAL
SUP2-MSO
Add MSO function with 16 digital channels; includes P6316 digital probe and accessories
2 Series MSO Datasheet
www.tek.com 28



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com