Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2-RK Datasheet(PDF) 15 Page - TEKTRONIX, INC.

Part # 2-RK
Description  2 Series MSO Mixed Signal Oscilloscope Datasheet
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEKTRONIX [TEKTRONIX, INC.]
Direct Link  https://www.tek.com/
Logo TEKTRONIX - TEKTRONIX, INC.

2-RK Datasheet(HTML) 15 Page - TEKTRONIX, INC.

Back Button 2-RK Datasheet HTML 11Page - TEKTRONIX, INC. 2-RK Datasheet HTML 12Page - TEKTRONIX, INC. 2-RK Datasheet HTML 13Page - TEKTRONIX, INC. 2-RK Datasheet HTML 14Page - TEKTRONIX, INC. 2-RK Datasheet HTML 15Page - TEKTRONIX, INC. 2-RK Datasheet HTML 16Page - TEKTRONIX, INC. 2-RK Datasheet HTML 17Page - TEKTRONIX, INC. 2-RK Datasheet HTML 18Page - TEKTRONIX, INC. 2-RK Datasheet HTML 19Page - TEKTRONIX, INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 30 page
background image
Maximum input voltage
300 Vrms CAT II with peaks < ±425 V
Derate at 20 dB/decade between 4.5 MHz to 45 MHz
Derate at 14 dB between 45 MHz to 450 MHz; above 450 MHz, 5 Vrms
DC gain accuracy2
±3% derated at 0.10%/°C above 30 °C
Channel to channel isolation
100:1 <= 100 MHz, 30:1 > 100 MHz
Offset range
1 mV/div to 63.8 mV/div : +/-1 V
63.9 mV/div to 999.5 mV/div : +/-10 V
1 V/div to 10 V/div : +/-100 V
Vertical system digital channels
Input Channels
16 [D0:D15]
Thresholds
Thresholds per set of 8 channels
Threshold Selections
TTL, CMOS, ECL, PECL, User-Defined
User Defined Range
-15 V to +25 V
Minimum detectable pulse
5 ns
Threshold Accuracy
±180 mV + 2 % of threshold setting
Minimum Input Signal Swing
500 mVp-p
Maximum Input Signal Swing
+30 V, -20 V
Input Impedance
100 kΩ || 8 pF
Vertical Resolution
1 bit
Horizontal system analog channels
Timebase range
2 ns/div to 1000 s/div (all channel)
1 ns/div to 1000 s/div (half channel)
2 Guaranteed, specification valid after 30 minute warm-up and Signal Path Compensation (SPC) at ambient.
2 Series MSO Datasheet
www.tek.com 15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com