Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2-RK Datasheet(PDF) 25 Page - TEKTRONIX, INC.

Part # 2-RK
Description  2 Series MSO Mixed Signal Oscilloscope Datasheet
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEKTRONIX [TEKTRONIX, INC.]
Direct Link  https://www.tek.com/
Logo TEKTRONIX - TEKTRONIX, INC.

2-RK Datasheet(HTML) 25 Page - TEKTRONIX, INC.

Back Button 2-RK Datasheet HTML 21Page - TEKTRONIX, INC. 2-RK Datasheet HTML 22Page - TEKTRONIX, INC. 2-RK Datasheet HTML 23Page - TEKTRONIX, INC. 2-RK Datasheet HTML 24Page - TEKTRONIX, INC. 2-RK Datasheet HTML 25Page - TEKTRONIX, INC. 2-RK Datasheet HTML 26Page - TEKTRONIX, INC. 2-RK Datasheet HTML 27Page - TEKTRONIX, INC. 2-RK Datasheet HTML 28Page - TEKTRONIX, INC. 2-RK Datasheet HTML 29Page - TEKTRONIX, INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 30 page
background image
Feature
Description
2-SOURCE
AFG (Arbitrary Function Generator) and DPG (Digital Pattern Generator)
2-SERIAL
I2C, SPI, UART, CAN, CAN-FD, SENT, LIN serial trigger and analysis
2-ULTIMATE
2-SOURCE, 2-SERIAL
Step 5 – Add additional probes and adapters
Add additional recommended probes and adapters
Passive voltage probes
Description
TPP0100
100 MHz bandwidth, 10x attenuation, BNC interface
TPP0200
200 MHz bandwidth, 10x attenuation, BNC interface
P2221
6 MHz to 200 MHz bandwidth, 1x / 10x attenuation, BNC interface
P5050B
500 MHz bandwidth, 10x attenuation, BNC interface
P6139B
500 MHz bandwidth, 10x attenuation, BNC interface
P6101B
15 MHz bandwidth, 1x attenuation, BNC interface
P3010
100 MHz bandwidth, 10x attenuation, BNC interface
THP0301
300 MHz bandwidth, 10x attenuation, BNC interface
Current probes
Description
TCPA300
Current probe Amplifier
/w TCP312A
DC to 100 MHz, 1 mA
/w TCP305A
DC to 50 MHz, 5 mA
/w TCP303
DC to 15 MHz, 5 mA
TCPA400
Current probe amplifier
/W TCP404XL
DC to 2 MHz, 1 A
TCP2020
DC to 50 MHz, 10 mA
A622
DC to 100 KHz
P6021A
120 Hz to 60 MHz, 2 mA/mV, 10 mA/mV
P6022
935 Hz to 120 MHz, 1 mA/mV, 10 mA/mV
TRCP3000
1 Hz to 16 MHz, 2 mV/A
TRCP0600
12 Hz to 30 MHz, 10 mV/A
TRCP0300
9 Hz to 30 MHz, 20 mV/A
CT1
25 KHz to 1 GHz, 5 mV/mA
CT2
1.2 KHz to 200 MHz, 5 mV/mA
CT6
250 KHz to 2 GHz, 5 mV/mA
High voltage single ended probe Description
P5100A
500 MHz Bandwidth, 100x attenuation
Table continued…
2 Series MSO Datasheet
www.tek.com 25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com