Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2-RK Datasheet(PDF) 26 Page - TEKTRONIX, INC.

Part # 2-RK
Description  2 Series MSO Mixed Signal Oscilloscope Datasheet
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEKTRONIX [TEKTRONIX, INC.]
Direct Link  https://www.tek.com/
Logo TEKTRONIX - TEKTRONIX, INC.

2-RK Datasheet(HTML) 26 Page - TEKTRONIX, INC.

Back Button 2-RK Datasheet HTML 22Page - TEKTRONIX, INC. 2-RK Datasheet HTML 23Page - TEKTRONIX, INC. 2-RK Datasheet HTML 24Page - TEKTRONIX, INC. 2-RK Datasheet HTML 25Page - TEKTRONIX, INC. 2-RK Datasheet HTML 26Page - TEKTRONIX, INC. 2-RK Datasheet HTML 27Page - TEKTRONIX, INC. 2-RK Datasheet HTML 28Page - TEKTRONIX, INC. 2-RK Datasheet HTML 29Page - TEKTRONIX, INC. 2-RK Datasheet HTML 30Page - TEKTRONIX, INC.  
Zoom Inzoom in Zoom Outzoom out
 26 / 30 page
background image
High voltage single ended probe Description
P6015A
75 MHz Bandwidth, 1000x attenuation
P5122
200 MHz Bandwidth, 100x attenuation
P5150
500 MHz Bandwidth, 50x attenuation
High voltage differential probe
Description
P5200A
50 MHz Bandwidth, 50:1/500:1 attenuation
Digital probe
Description
P6316
16 channel digital probe for MSO functionality
Step 6 – Select accessories
Add additional recommended accessories
Optional accessories
Description
2-BP
Battery pack with 2 battery slots and 1 battery for use with 2 Series MSO (ships separately)
TEKBAT-01
Additional battery for use with battery pack 2-BP or Opt 2-BATPK
TEKCHG-01
Standalone battery charger for charging TEKBAT-01 battery
2-RK
Rackmount kit
2-PC
Carrying bag with kickstand and protective case for instrument
2-HC
Hard carrying case
119-9725-XX
Additional AC/DC power supply
Step 7 – Select power cord option
Optional accessories
Description
A0
North America power plug (115 V, 60 Hz)
A1
Universal Euro power plug (220 V, 50 Hz)
A2
United Kingdom power plug (240 V, 50 Hz)
A3
Australia power plug (240 V, 50 Hz)
A5
Switzerland power plug (220 V, 50 Hz)
A6
Japan power plug (100 V, 50/60 Hz)
A10
China power plug (50 Hz)
A11
India power plug (50 Hz)
A12
Brazil (60 Hz)
A99
No power cord
E1
Universal euro bundle
2 Series MSO Datasheet
www.tek.com 26



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com