Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2-RK Datasheet(PDF) 23 Page - TEKTRONIX, INC.

Part # 2-RK
Description  2 Series MSO Mixed Signal Oscilloscope Datasheet
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEKTRONIX [TEKTRONIX, INC.]
Direct Link  https://www.tek.com/
Logo TEKTRONIX - TEKTRONIX, INC.

2-RK Datasheet(HTML) 23 Page - TEKTRONIX, INC.

Back Button 2-RK Datasheet HTML 19Page - TEKTRONIX, INC. 2-RK Datasheet HTML 20Page - TEKTRONIX, INC. 2-RK Datasheet HTML 21Page - TEKTRONIX, INC. 2-RK Datasheet HTML 22Page - TEKTRONIX, INC. 2-RK Datasheet HTML 23Page - TEKTRONIX, INC. 2-RK Datasheet HTML 24Page - TEKTRONIX, INC. 2-RK Datasheet HTML 25Page - TEKTRONIX, INC. 2-RK Datasheet HTML 26Page - TEKTRONIX, INC. 2-RK Datasheet HTML 27Page - TEKTRONIX, INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 30 page
background image
EMC, environmental, and safety
Temperature
Operating
0 °C to +50 °C (+32 °F to 120 °F)
Operating battery
Charge 0 °C to 45 °C (+32 °F to 113 °F)
Discharge -20 °C to 60 °C (-4 °F to 140 °F)
Non-operating
-20 °C to +60 °C (-4 °F to 140 °F)
Humidity
Operating
5% to 90% relative humidity at temperatures up to +30 °C,
5% to 60% relative humidity at temperatures greater than +30 °C and up to +50 °C.
Non-operating
5% to 90% relative humidity at temperatures up to +30 °C,
5% to 60% relative humidity at temperatures greater than +30°C and up to +60 °C.
Altitude
Operating
Up to 3,000 meters (9,842 feet)
Non-operating
Up to 12,000 meters (39,370 feet)
Regulatory
CE marked for the European Union and UL approved for the USA and Canada
RoHS compliant
2 Series MSO Datasheet
www.tek.com 23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com