Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2-RK Datasheet(PDF) 9 Page - TEKTRONIX, INC.

Part # 2-RK
Description  2 Series MSO Mixed Signal Oscilloscope Datasheet
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEKTRONIX [TEKTRONIX, INC.]
Direct Link  https://www.tek.com/
Logo TEKTRONIX - TEKTRONIX, INC.

2-RK Datasheet(HTML) 9 Page - TEKTRONIX, INC.

Back Button 2-RK Datasheet HTML 5Page - TEKTRONIX, INC. 2-RK Datasheet HTML 6Page - TEKTRONIX, INC. 2-RK Datasheet HTML 7Page - TEKTRONIX, INC. 2-RK Datasheet HTML 8Page - TEKTRONIX, INC. 2-RK Datasheet HTML 9Page - TEKTRONIX, INC. 2-RK Datasheet HTML 10Page - TEKTRONIX, INC. 2-RK Datasheet HTML 11Page - TEKTRONIX, INC. 2-RK Datasheet HTML 12Page - TEKTRONIX, INC. 2-RK Datasheet HTML 13Page - TEKTRONIX, INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 30 page
background image
Digital channel trigger and decode
Arbitrary function generator (optional)
The 2 Series MSO includes an optional 50 MHz arbitrary function
generator perfect for simulating sensor signals within a design or
adding noise to signals to perform margin testing. The AFG output
is multiplexed with the Aux out signal.
Several predefined waveforms including sine, square, pulse, ramp/
triangle, DC, noise, sin(x)/x (Sinc), gaussian, lorentz, exponential rise/
fall, Haversine, and cardiac are included.
The arbitrary waveform generator provides 128k points of record
for loading waveforms captured on the analog input, a saved file.
Alternatively Tektronix ArbExpress PC-based waveform creation and
editing software can be used to create complex waveforms quickly and
easily.
Flexible settings of AFG outputs. In this test case, 25% of noise was added to the Sine
Digital pattern generator (optional)
A 4-bit digital pattern generator with 2k point record length per bit
is included on the 2 Series MSO for generating 4 digital signals at
predefined voltage levels.
An output pattern can be loaded in the memory using a predefined CSV
file or the state of each output can be manually set to high, low, toggle,
or Hi-Z as needed.
Digital Pattern Generator
Digital voltmeter and frequency counter (optional)
The instrument contains an integrated 4-digit digital voltmeter and
8-digit frequency counter. Any of the analog inputs can be a source
for the voltmeter, using the same probes that are already attached for
general oscilloscope usage. The frequency counter provides a very
precise readout of the frequency of the selected input channel.
Connectivity
The 2 Series MSO contains several ports that you can use to connect
the instrument to a network, directly to a PC, or to other test equipment.
• Two USB 2.0 ports enable easy transfer of screenshots, instrument
settings, and waveform data to a USB mass storage device. A USB
mouse and keyboard can also be attached to USB host ports for
instrument control and data entry.
•
The USB device port is useful for controlling the oscilloscope
remotely from a PC.
• The standard 10/100BASE-T ethernet port enables easy connection
to networks and remotely controlling the instrument and viewing the
acquired data.
Programmatic interface and backward compatibility
Programmable interface commands can be used to remotely control
the instrument through the USB device port or the ethernet port. This
enables programming the instrument to perform an automated set of
tasks or integrating into a larger system that includes other equipment
for performing specific tasks.
The programmatic interface command set is compatible with the next
generation of Tektronix oscilloscopes making it easy to reuse code
written for other Tektronix oscilloscopes.
2 Series MSO Datasheet
www.tek.com 9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com