Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2-RK Datasheet(PDF) 24 Page - TEKTRONIX, INC.

Part # 2-RK
Description  2 Series MSO Mixed Signal Oscilloscope Datasheet
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEKTRONIX [TEKTRONIX, INC.]
Direct Link  https://www.tek.com/
Logo TEKTRONIX - TEKTRONIX, INC.

2-RK Datasheet(HTML) 24 Page - TEKTRONIX, INC.

Back Button 2-RK Datasheet HTML 20Page - TEKTRONIX, INC. 2-RK Datasheet HTML 21Page - TEKTRONIX, INC. 2-RK Datasheet HTML 22Page - TEKTRONIX, INC. 2-RK Datasheet HTML 23Page - TEKTRONIX, INC. 2-RK Datasheet HTML 24Page - TEKTRONIX, INC. 2-RK Datasheet HTML 25Page - TEKTRONIX, INC. 2-RK Datasheet HTML 26Page - TEKTRONIX, INC. 2-RK Datasheet HTML 27Page - TEKTRONIX, INC. 2-RK Datasheet HTML 28Page - TEKTRONIX, INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 30 page
background image
Ordering information
Use the following steps to select the appropriate instrument and options for your measurement needs.
Step 1 – Select instrument model
Select the 2 Series instrument model
Model
Description
MSO22
Mixed Signal Oscilloscope: 2 analog channels, 2.5 GS/s sample rate, 10 Mpts record length
MSO24
Mixed Signal Oscilloscope: 4 analog channels, 2.5 GS/s sample rate, 10 Mpts record length
Each model includes
• TPP0200 200 MHz, 10:1 probe (one per channel)
• Instrument stand
• Installation and safety manual (translated in English, Japanese, and Simplified Chinese)
• Embedded help
• External power supply
• Calibration certificate documenting traceability to National Metrology Institute(s) and ISO9001/ISO17025 quality system registration
• One-year warranty covering all parts and labor cost on the instrument. One-year warranty covering all parts and labor cost on included probes
Step 2 – Configure bandwidth mandatory
Configure your oscilloscope by selecting the analog channel bandwidth you need. You can also upgrade the bandwidth later by purchasing an
upgrade option.
Bandwidth option
Bandwidth range
2-BW-70
70 MHz
2-BW-100
100 MHz
2-BW-200
200 MHz
2-BW-350
350 MHz
2-BW-500
500 MHz
Step 3 – Add instrument functionality
Instrument functionality can be ordered with the instrument or later as an upgrade kit.
Probes option
Description
2-P6139B
Add 500 MHz, 10x probes (one per channel)
2-MSO
Add MSO function with 16 digital channels; includes P6316 digital probe and accessories
2-BATPK
Battery pack with 2 battery slots and 1 battery (ships with instrument) for use with 2 Series oscilloscopes
Step 4 – Add instrument software functionality with one of the option bundles
Option bundles with different levels of functionality are being offered to suit different application needs.
2 Series MSO Datasheet
www.tek.com 24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com