Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2-RK Datasheet(PDF) 22 Page - TEKTRONIX, INC.

Part # 2-RK
Description  2 Series MSO Mixed Signal Oscilloscope Datasheet
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEKTRONIX [TEKTRONIX, INC.]
Direct Link  https://www.tek.com/
Logo TEKTRONIX - TEKTRONIX, INC.

2-RK Datasheet(HTML) 22 Page - TEKTRONIX, INC.

Back Button 2-RK Datasheet HTML 18Page - TEKTRONIX, INC. 2-RK Datasheet HTML 19Page - TEKTRONIX, INC. 2-RK Datasheet HTML 20Page - TEKTRONIX, INC. 2-RK Datasheet HTML 21Page - TEKTRONIX, INC. 2-RK Datasheet HTML 22Page - TEKTRONIX, INC. 2-RK Datasheet HTML 23Page - TEKTRONIX, INC. 2-RK Datasheet HTML 24Page - TEKTRONIX, INC. 2-RK Datasheet HTML 25Page - TEKTRONIX, INC. 2-RK Datasheet HTML 26Page - TEKTRONIX, INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 30 page
background image
Supports up to 2 TEKBAT-01 Li-Ion rechargeable batteries
Cell chemistry
Li-lon
Nominal capacity
6700 mAh
Voltage
14.52 VDC
Weight
450 g/1lb
Operating time, typical
Up to 4 hours single battery
Up to 8 hours dual batteries
Hot swappable
Physical characteristics
Dimensions
Instrument only
Height
210 mm (8.26 in)
Width
344 mm (13.54 in)
Depth
40.4 mm (1.59 in)
Instrument with battery pack
Height
210 mm (8.26 in)
Width
344 mm (13.54 in)
Depth
78 mm (3.07 in)
Weight
Instrument only
1.8 kg (4 lbs)
Instrument with battery pack
3.2 kg (7 lbs) – one battery
3.6 kg (8 lbs) – two batteries
Rackmount configuration
5U
Cooling clearance
2 in required on left side, right side and rear of the instrument
2 Series MSO Datasheet
www.tek.com 22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com