Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2-RK Datasheet(PDF) 5 Page - TEKTRONIX, INC.

Part # 2-RK
Description  2 Series MSO Mixed Signal Oscilloscope Datasheet
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEKTRONIX [TEKTRONIX, INC.]
Direct Link  https://www.tek.com/
Logo TEKTRONIX - TEKTRONIX, INC.

2-RK Datasheet(HTML) 5 Page - TEKTRONIX, INC.

  2-RK Datasheet HTML 1Page - TEKTRONIX, INC. 2-RK Datasheet HTML 2Page - TEKTRONIX, INC. 2-RK Datasheet HTML 3Page - TEKTRONIX, INC. 2-RK Datasheet HTML 4Page - TEKTRONIX, INC. 2-RK Datasheet HTML 5Page - TEKTRONIX, INC. 2-RK Datasheet HTML 6Page - TEKTRONIX, INC. 2-RK Datasheet HTML 7Page - TEKTRONIX, INC. 2-RK Datasheet HTML 8Page - TEKTRONIX, INC. 2-RK Datasheet HTML 9Page - TEKTRONIX, INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 30 page
background image
Simultaneously view analog channels, decoded serial bus waveform, results table, measurement results, math FFT plot, and cursor readouts along with the setup information for each
input with the highly customizable user interface.
Exceptionally easy to use interface with comprehensive
analysis for fast insight
The user interface on the 2 Series MSO is designed from the ground up
for touch operation. All the key information is presented as a series of
badges with visual cues to show association. Get immediate access to
instrument configuration or waveform management tasks with a single
tap.
The 2 Series MSO offers a revolutionary new stacked display mode in
this class, Traditionally all the waveforms were overlayed on a single
graticule leading to unwanted tradeoffs:
• Vertical scale and position of each waveform needs to be adjusted
so that they do not overlap, resulting in usage of only a small
percentage of the ADC range leading to inaccurate measurements.
• Adjusting the waveform vertical scale and position leads to overlap,
making it difficult to distinguish details on an individual waveform.
In the stacked display mode, each waveform gets its own slice
(additional graticule) representing the full ADC range to enable
maximum visibility and accuracy. Groups of channels can also be
overlayed to enable visual comparison of signals.
The 2 Series MSO offers a comprehensive set of standard analysis
tools including:
• Waveform and screen-based cursors with user-selectable
readout location.
• 36 automated measurements with measurement statistics and
gating, the ability to add an unlimited number of measurements,
navigate from one occurrence to the next, and immediate
viewing of the minimum or maximum result.
•
Basic and advanced waveform math including arbitrary
equation editing.
• Basic FFT analysis with options to view magnitude or phase,
multiple options to customize window type, gating, and units.
The large display in the 2 Series MSO provides plenty of viewing
area not only for signals, but also for plots, measurement results
tables, bus decode tables, and more. You can easily resize and
relocate the various views to suit your needs.
2 Series MSO Datasheet
www.tek.com 5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com