Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2-RK Datasheet(PDF) 10 Page - TEKTRONIX, INC.

Part # 2-RK
Description  2 Series MSO Mixed Signal Oscilloscope Datasheet
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEKTRONIX [TEKTRONIX, INC.]
Direct Link  https://www.tek.com/
Logo TEKTRONIX - TEKTRONIX, INC.

2-RK Datasheet(HTML) 10 Page - TEKTRONIX, INC.

Back Button 2-RK Datasheet HTML 6Page - TEKTRONIX, INC. 2-RK Datasheet HTML 7Page - TEKTRONIX, INC. 2-RK Datasheet HTML 8Page - TEKTRONIX, INC. 2-RK Datasheet HTML 9Page - TEKTRONIX, INC. 2-RK Datasheet HTML 10Page - TEKTRONIX, INC. 2-RK Datasheet HTML 11Page - TEKTRONIX, INC. 2-RK Datasheet HTML 12Page - TEKTRONIX, INC. 2-RK Datasheet HTML 13Page - TEKTRONIX, INC. 2-RK Datasheet HTML 14Page - TEKTRONIX, INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 30 page
background image
The instrument also supports a compatibility mode that, when enabled,
makes the 2 Series MSO compatible with the programmatic commands
of the legacy TDS2000, TBS1000, and MSO/DPO2000 family of
Tektronix oscilloscopes. This compatibility mode makes it easy to
replace an older model oscilloscope in an existing test system with
the 2 Series MSO.
Battery pack (optional)
Battery pack with two battery slots can be mounted on the back of the instrument
The 2 Series MSO also supports an optional battery pack that provides
additional flexibility to perform measurements in areas where there is
no AC power available such as testing equipment in the field.
The battery pack has 2 battery slots and can support hot swapping of
the batteries during operation to extend run time on batteries.
The batteries are charged when the instrument is on AC power, or they
can be charged using an external charger.
External battery charger
Accessories
Apart from the battery pack several other accessories are available to
make the 2 Series MSO suitable for a variety of applications
• Rack mount kit to mount the instrument in a rack for production
• A bundle of carrying bag, protective rubber case, and kick stand
making it easy to carry the instrument into the field
• Hard travel case for shipping the instrument
• The 100 mm x 100 mm standard VESA interface on the back of the
instrument is compatible with a wide variety of accessories
MSO24 mounted on an off the shelf arm
Rackmount kit
2 Series MSO Datasheet
www.tek.com 10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com