Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2-RK Datasheet(PDF) 20 Page - TEKTRONIX, INC.

Part # 2-RK
Description  2 Series MSO Mixed Signal Oscilloscope Datasheet
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEKTRONIX [TEKTRONIX, INC.]
Direct Link  https://www.tek.com/
Logo TEKTRONIX - TEKTRONIX, INC.

2-RK Datasheet(HTML) 20 Page - TEKTRONIX, INC.

Back Button 2-RK Datasheet HTML 16Page - TEKTRONIX, INC. 2-RK Datasheet HTML 17Page - TEKTRONIX, INC. 2-RK Datasheet HTML 18Page - TEKTRONIX, INC. 2-RK Datasheet HTML 19Page - TEKTRONIX, INC. 2-RK Datasheet HTML 20Page - TEKTRONIX, INC. 2-RK Datasheet HTML 21Page - TEKTRONIX, INC. 2-RK Datasheet HTML 22Page - TEKTRONIX, INC. 2-RK Datasheet HTML 23Page - TEKTRONIX, INC. 2-RK Datasheet HTML 24Page - TEKTRONIX, INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 30 page
background image
Display
Display type
10.1 Inch LCD capacitive touch display
Display resolution
1280 x 800
Display modes
Overlay
Stacked
Zoom
Horizontal and vertical zooming is supported in all waveform and plot views.
Interpolation
Sin(x)/x and linear
Waveform styles
Vectors, dots, variable persistence, and infinite persistence
Graticules
Movable and fixed graticules, selectable between grid, time, full, and none
Color palettes
Normal and inverted for screen captures
Individual waveform colors are user-selectable
Format
YT, XY
Language support
English, Japanese, Simplified Chinese, Traditional Chinese, French, German, Italian, Spanish, Portuguese,
Russian, Korean
Input/Output ports
USB interface
Two USB 2.0 host ports
One USB device port (providing USBTMC support)
Ethernet interface
One ethernet port, 10/100 Mb/s, and 1000 Mbps ethernet (in full duplex mode only)
Probe compensation signal
Amplitude
0 to 2.5 V
Frequency
1 kHz
Source impedance
1 kΩ
Aux out
Front panel BNC connector multiplexed with AFG out. Output can be configured to provide a positive or
negative pulse when oscilloscope triggers.
2 Series MSO Datasheet
www.tek.com 20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com